Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XIO2000AI Datasheet(PDF) 38 Page - Texas Instruments

Part # XIO2000AI
Description  XIO2000A/XIO2000AI PCI Express to PCI Bus Translation Bridge
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

XIO2000AI Datasheet(HTML) 38 Page - Texas Instruments

Back Button XIO2000AI Datasheet HTML 34Page - Texas Instruments XIO2000AI Datasheet HTML 35Page - Texas Instruments XIO2000AI Datasheet HTML 36Page - Texas Instruments XIO2000AI Datasheet HTML 37Page - Texas Instruments XIO2000AI Datasheet HTML 38Page - Texas Instruments XIO2000AI Datasheet HTML 39Page - Texas Instruments XIO2000AI Datasheet HTML 40Page - Texas Instruments XIO2000AI Datasheet HTML 41Page - Texas Instruments XIO2000AI Datasheet HTML 42Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 165 page
background image
Feature/Protocol Descriptions
29
April 2007 Revised October 2008
SCPS155C
Table 3−3. Messages Supported by the Bridge
MESSAGE
SUPPORTED
BRIDGE ACTION
Assert_INTx
Yes
Transmitted upstream
Deassert_INTx
Yes
Transmitted upstream
PM_Active_State_Nak
Yes
Received and processed
PM_PME
Yes
Transmitted upstream
PME_Turn_Off
Yes
Received and processed
PME_TO_Ack
Yes
Transmitted upstream
ERR_COR
Yes
Transmitted upstream
ERR_NONFATAL
Yes
Transmitted upstream
ERR_FATAL
Yes
Transmitted upstream
Unlock
Yes
Received and processed
Set_Slot_Power_Limit
Yes
Received and processed
Hot plug messages
No
Discarded
Advanced switching messages
No
Discarded
Vendor defined type 0
No
Unsupported request
Vendor defined type 1
No
Discarded
All supported message transactions are processed per the PCI Express Base Specification.
3.4
PCI Bus Interface
3.4.1 I/O Characteristics
Figure 3−4 shows a 3-state bi-directional buffer that represents the I/O cell design for the PCI bus. Section
7.7, Electrical Characteristics over Recommended Operating Conditions, provides the electrical
characteristics of the PCI bus I/O cell.
NOTE: The PCI bus interface on the bridge meets the ac specifications of the PCI Local Bus
Specification. Additionally, PCI bus terminals (input or I/O) must be held high or low to prevent
them from floating.
Tied for Open Drain
OE
Pad
VCCP
Figure 3−4. 3-State Bidirectional Buffer
3.4.2 Clamping Voltage
In the bridge, the PCI bus I/O drivers are powered from the VDD_33 power rail. Plus, the I/O driver cell is tolerant
to input signals with 5.0-V peak-to-peak amplitudes.
For PCI bus interfaces operating at 66 MHz, all devices are required to output only 3.3-V peak-to-peak signal
amplitudes. For PCI bus interfaces operating at 33-MHz, devices may output either 3.3-V or 5.0-V
peak-to-peak signal amplitudes. The bridge accommodates both signal amplitudes.
Each PCI bus I/O driver cell has a clamping diode connected to the VCCP voltage rail that protects the cell
from excessive input voltage. If the PCI signaling is 3.3-V, then VCCP (A04, J01) is connected to a 3.3-V power
supply. If the PCI signaling is 5.0 V, then VCCP (A04, J01) is connected to a 5.0-V power supply.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com