Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XIO2000AI Datasheet(PDF) 121 Page - Texas Instruments

Part # XIO2000AI
Description  XIO2000A/XIO2000AI PCI Express to PCI Bus Translation Bridge
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

XIO2000AI Datasheet(HTML) 121 Page - Texas Instruments

Back Button XIO2000AI Datasheet HTML 117Page - Texas Instruments XIO2000AI Datasheet HTML 118Page - Texas Instruments XIO2000AI Datasheet HTML 119Page - Texas Instruments XIO2000AI Datasheet HTML 120Page - Texas Instruments XIO2000AI Datasheet HTML 121Page - Texas Instruments XIO2000AI Datasheet HTML 122Page - Texas Instruments XIO2000AI Datasheet HTML 123Page - Texas Instruments XIO2000AI Datasheet HTML 124Page - Texas Instruments XIO2000AI Datasheet HTML 125Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 165 page
background image
PCI Express Extended Configuration Space
112
April 2007 Revised October 2008
SCPS155C
5.21 VC Resource Capability Register (VC0)
The VC resource capability register for VC0 provides information to software regarding the port and arbitration
schemes supported by the bridge. See Table 5−17 for a complete description of the register contents.
PCI Express extended register offset:
160h
Register type:
Read-only
Default value:
0000 0001h
BIT NUMBER
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
RESET STATE
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
BIT NUMBER
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
RESET STATE
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
1
Table 5−17. VC Resource Capability Register (VC0) Description
BIT
FIELD NAME
ACCESS
DESCRIPTION
31:24
PORT_ARB_TBL_OFFSET
R
Port arbitration table offset. This read-only field returns the value 00h to indicate that
no port arbitration table is required for this VC.
23
RSVD
R
Reserved. Returns 0b when read.
22:16
MAX_TIME_SLOTS
R
Maximum time slots. This read-only field returns the value 000 0000b because there is
no support for time-based, WRR arbitration on this VC.
15
REJECT_SNOOP
R
Reject snoop transactions. This bit only has meaningful context for root ports;
therefore, returns 0b when read.
14
ADV_SWITCHING
R
Advanced packet switching. This read-only bit returns 0b to indicate that the use of this
VC is not limited to AS traffic.
13:8
RSVD
R
Reserved. Returns 00 0000b when read.
7:0
PORT_ARB_CAP
R
Port arbitration capability. This 8-bit encoded field indicates support for the various
schemes that are supported for port (secondary PCI device) arbitration. The field is
encoded as follows:
Bit 0 = Hardware fixed arbitration (round-robin)
Bit 1 = WRR with 32 phases
Bit 2 = WRR with 64 phases
Bit 3 = WRR with 128 phases
Bit 4 = Time-based WRR with 128 phases
Bit 5 = WRR with 256 phases
Bits 6 and 7 = Reserved
The returned value of 01h indicates that only hardware-fixed, round-robin arbitration is
support for this VC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com