Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XIO2000AI Datasheet(PDF) 127 Page - Texas Instruments

Part # XIO2000AI
Description  XIO2000A/XIO2000AI PCI Express to PCI Bus Translation Bridge
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

XIO2000AI Datasheet(HTML) 127 Page - Texas Instruments

Back Button XIO2000AI Datasheet HTML 123Page - Texas Instruments XIO2000AI Datasheet HTML 124Page - Texas Instruments XIO2000AI Datasheet HTML 125Page - Texas Instruments XIO2000AI Datasheet HTML 126Page - Texas Instruments XIO2000AI Datasheet HTML 127Page - Texas Instruments XIO2000AI Datasheet HTML 128Page - Texas Instruments XIO2000AI Datasheet HTML 129Page - Texas Instruments XIO2000AI Datasheet HTML 130Page - Texas Instruments XIO2000AI Datasheet HTML 131Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 165 page
background image
Memory-Mapped TI Proprietary Register Space
118
April 2007 Revised October 2008
SCPS155C
6
Memory-Mapped TI Proprietary Register Space
The programming model of the memory-mapped TI proprietary register space is unique to this device. These
custom registers are specifically designed to provide enhanced features associated with upstream
isochronous applications.
All bits marked with a k are sticky bits and are reset by a global reset (GRST) or the internally-generated
power-on reset. All bits marked with a † are reset by a PCI Express reset (PERST), a GRST or the
internally-generated power-on reset. The remaining register bits are reset by a PCI Express hot reset, PERST,
GRST, or the internally-generated power-on reset.
Table 6−1. Device Control Memory Window Register Map
REGISTER NAME
OFFSET
Upstream isochrony capabilities
Revision ID
Device control map ID
00h
Reserved
Upstream isochrony control
04h
Reserved
Upstream isochronous window 0 control
08h
Upstream isochronous window 0 base address
0Ch
Upstream isochronous window 0 limit
10h
Reserved
Upstream isochronous window 1 control
14h
Upstream isochronous window 1 base address
18h
Upstream isochronous window 1 limit
1Ch
Reserved
Upstream isochronous window 2 control
20h
Upstream isochronous window 2 base address
24h
Upstream isochronous window 2 limit
28h
Reserved
Upstream isochronous window 3 control
2Ch
Upstream isochronous window 3 base address
30h
Upstream isochronous window 3 limit
34h
Reserved
38h−3Ch
GPIO data†
GPIO control†
40h
Serial-bus control and status†
Serial-bus slave address†
Serial-bus word address†
Serial-bus data†
44h
Serial IRQ edge control†
Reserved
Serial IRQ mode control†
48h
Reserved
Serial IRQ status
4Ch
† One or more bits in this register are reset by a PCI Express reset (PERST), a GRST, or the internally-generated power-on reset.
6.1
Device Control Map ID Register
The device control map ID register identifies the TI proprietary layout for this device control map. The value
01h identifies this as a PCI Express-to-PCI bridge supporting upstream isochronous capabilities.
Device control memory window register offset:
00h
Register type:
Read-only
Default value:
01h
BIT NUMBER
7
6
5
4
3
2
1
0
RESET STATE
0
0
0
0
0
0
0
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com