Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XIO2000AI Datasheet(PDF) 149 Page - Texas Instruments

Part # XIO2000AI
Description  XIO2000A/XIO2000AI PCI Express to PCI Bus Translation Bridge
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

XIO2000AI Datasheet(HTML) 149 Page - Texas Instruments

Back Button XIO2000AI Datasheet HTML 145Page - Texas Instruments XIO2000AI Datasheet HTML 146Page - Texas Instruments XIO2000AI Datasheet HTML 147Page - Texas Instruments XIO2000AI Datasheet HTML 148Page - Texas Instruments XIO2000AI Datasheet HTML 149Page - Texas Instruments XIO2000AI Datasheet HTML 150Page - Texas Instruments XIO2000AI Datasheet HTML 151Page - Texas Instruments XIO2000AI Datasheet HTML 152Page - Texas Instruments XIO2000AI Datasheet HTML 153Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 149 / 165 page
background image
Electrical Characteristics
140
April 2007 Revised October 2008
SCPS155C
7.7
Electrical Characteristics Over Recommended Operating Conditions (PCI Bus)
PARAMETER
OPERATION
TEST
CONDITIONS
MIN
MAX
UNITS
VIH
High-level input voltage (Note 18)
VCCP = 3.3 V
0.5 VDD_33
VCCP
V
VIH
High-level input voltage (Note 18)
VCCP = 5.0 V
0.5 VDD_33
VCCP
V
VIL
Low-level input voltage (Note 18)
VCCP = 3.3 V
0
0.3 VDD_33
V
VIL
Low-level input voltage (Note 18)
VCCP = 5.0 V
0
0.3 VDD_33
V
VI
Input voltage
0
VCCP
V
VO
Output voltage (Note 19)
0
VDD_33
V
tt
Input transition time (trise and tfall)
1
4
ns
VOH
High-level output voltage (Note 19)
VDD_33
IOH = −32 mA
0.7 VDD_33
V
VOL
Low-level output voltage (Note 19)
VDD_33
IOL = 32 mA
0.18 VDD_33
V
IOZ
High-impedance, output current (Note 19)
VCCP = 3.3 V
VI = 0 to VCCP
±10
A
IOZ
High-impedance, output current (Note 19)
VCCP = 5.0 V
VI = 0 to VCCP
±70
µA
II
Input current (Note 18)
VCCP = 3.3 V
VI = 0 to VCCP
±10
A
II
Input current (Note 18)
VCCP = 5.0 V
VI = 0 to VCCP
±70
µA
NOTES: 18. Applies to external inputs and bidirectional buffers.
19. Applies to external outputs and bidirectional buffers.
Note: This table applies to CLK, CLKOUT6:0, AD31:0, C/BE[3:0], DEVSEL, FRAME, GNT5:0, INTD:A,
IRDY, PAR, PERR, REQ5:0, PRST, SERR, STOP, TRDY, SERIRQ, M66EN, and LOCK terminals.
7.8
Electrical Characteristics Over Recommended Operating Conditions (3.3-V I/O)
PARAMETER
OPERATION
TEST
CONDITIONS
MIN
MAX
UNITS
VIH
High-level input voltage (Note 20)
VDD_33
0.7VDD_33
VDD_33
V
VIL
Low-level input voltage (Note 20)
VDD_33
0
0.3 VDD_33
V
VI
Input voltage
0
VDD_33
V
VO
Output voltage (Note 21)
0
VDD_33
V
tt
Input transition time (trise and tfall)
0
25
ns
Vhys
Input hysteresis (Note 23)
0.13VDD_33
V
VOH
High-level output voltage
VDD_33
IOH = −4 mA
0.8VDD_33
V
VOL
Low-level output voltage
VDD_33
IOL = 4 mA
0.22VDD_33
V
IOZ
High-impedance, output current (Note 21)
VDD_33
VI = 0 to VDD_33
±20
µA
IOZP
High-impedance, output current with internal pullup or
pulldown (Note 24)
VDD_33
VI = 0 to VDD_33
±100
µA
II
Input current (Note 22)
VDD_33
VI = 0 to VDD_33
±1
µA
NOTES: 20. Applies to external inputs and bidirectional buffers.
21. Applies to external outputs and bidirectional buffers.
22. Applies to external input buffers.
23. Applies to PERST, GRST, and PME.
24. Applies to GRST (pullup), EXT_ARB_EN (pulldown), CLKRUN_EN (pulldown), and most GPIO (pullup).
Note: This table applies to PERST, WAKE, REFCLK_SEL, PME, CLKRUN_EN, EXT_ARB_EN, GRST,
GPIO7:0, and all RSVD input terminals.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com