Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XIO2000AI Datasheet(PDF) 158 Page - Texas Instruments

Part # XIO2000AI
Description  XIO2000A/XIO2000AI PCI Express to PCI Bus Translation Bridge
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

XIO2000AI Datasheet(HTML) 158 Page - Texas Instruments

Back Button XIO2000AI Datasheet HTML 154Page - Texas Instruments XIO2000AI Datasheet HTML 155Page - Texas Instruments XIO2000AI Datasheet HTML 156Page - Texas Instruments XIO2000AI Datasheet HTML 157Page - Texas Instruments XIO2000AI Datasheet HTML 158Page - Texas Instruments XIO2000AI Datasheet HTML 159Page - Texas Instruments XIO2000AI Datasheet HTML 160Page - Texas Instruments XIO2000AI Datasheet HTML 161Page - Texas Instruments XIO2000AI Datasheet HTML 162Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 158 / 165 page
background image
www.ti.com
PACKAGE OUTLINE
12.1
11.9
12.1
11.9
1.4 MAX
0.45
0.35
175X
0.55
0.45
10.4 TYP
10.4 TYP
0.8 TYP
0.8 TYP
(0.8)
(0.8)
NFBGA - 1.4 mm max height
ZAY0175A
PLASTIC BALL GRID ARRAY
4219814/A 05/2020
NOTES:
1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
BALL A1
CORNER
⌓ 0.12 C
SEATING PLANE
⌖ ⌀0.15Ⓜ C A B
⌀0.08Ⓜ C
SYMM
℄
SYMM
℄
1
A
2
3
4
5
6
7
8
9
10
11
12
13
B
C
D
E
F
G
H
J
K
L
M
N
14
P
SCALE 1.200
A
B
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com