Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VD6640 Datasheet(PDF) 123 Page - STMicroelectronics

Part # VD6640
Description  Automotive 1.3 megapixel high-dynamic range image sensor
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VD6640 Datasheet(HTML) 123 Page - STMicroelectronics

Back Button VD6640 Datasheet HTML 118Page - STMicroelectronics VD6640 Datasheet HTML 119Page - STMicroelectronics VD6640 Datasheet HTML 120Page - STMicroelectronics VD6640 Datasheet HTML 121Page - STMicroelectronics VD6640 Datasheet HTML 122Page - STMicroelectronics VD6640 Datasheet HTML 123Page - STMicroelectronics VD6640 Datasheet HTML 124Page - STMicroelectronics VD6640 Datasheet HTML 125Page - STMicroelectronics VD6640 Datasheet HTML 126Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 123 / 126 page
background image
DocID023597 Rev 11
123/126
VG6640, VD6640
Revision history
125
10-May-2015
6
Updated Table 36 to reflect min frame length of 1023
lines for Full FoV
Changed package information to Im2BGA
Added EXTCLK_XTAL1 and XTAL2 pins to signal
Description Table.
Update to Signal Description table.
Update to Ball Assignment diagram.
Removed references to ULPM
Changed names of CSI2 interface signals to DP_L1
format.
Updates to Table 2: Technical specifications
Removed RCCC modes from Table 33: Typical
subsampling settings
. Added notes to state only odd
values supported by Y_xxx_INC registers.
Changed “software standby”state name to “standby”.
Changed “hardware standby” state name to “reset”.
Updates to the layout guidelines in section 10.
Updates to some register descriptions.
Correction to ordering codes.
Changed “Max Storage Temperature” to 125C
Revisions to Figure 16: CSI-2 frame format
09-Oct-2015
7
VDIG max voltage to 2.94V
Current consumption in Table 42, Table 43 and
Table 44
.
Added Table 49, modification to Table 51, Table 52
Updates to Table 59
Electro-optical characteristics moved from Section 1 to,
newly created, Section 10
Power consumption in Table 2 changed to 400mW.
Removed “peak current consumption” table.
Updated ITU Timing Diagram
Replaced “Fig 20: Clock relationships” with new “Clock
Tree” diagram and updated equations below to match.
Removed Section .4.1.1: Multi-byte registers index
space
Added constraints to Knee1/2 and
SigmaGhostThresh1/2 values.
Added ParOutIF_Drive (0x24A2) register.
Added warning about the use of the clock gating options
available in the ParOutIF_Control (0x24A3) register.
Added Table 1: Device summary to cover page.
Renamed Section 4.2.9 to “Temperature sensor
registers”
Table 65. Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com