Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VD6640 Datasheet(PDF) 125 Page - STMicroelectronics

Part # VD6640
Description  Automotive 1.3 megapixel high-dynamic range image sensor
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VD6640 Datasheet(HTML) 125 Page - STMicroelectronics

Back Button VD6640 Datasheet HTML 118Page - STMicroelectronics VD6640 Datasheet HTML 119Page - STMicroelectronics VD6640 Datasheet HTML 120Page - STMicroelectronics VD6640 Datasheet HTML 121Page - STMicroelectronics VD6640 Datasheet HTML 122Page - STMicroelectronics VD6640 Datasheet HTML 123Page - STMicroelectronics VD6640 Datasheet HTML 124Page - STMicroelectronics VD6640 Datasheet HTML 125Page - STMicroelectronics VD6640 Datasheet HTML 126Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 125 / 126 page
background image
DocID023597 Rev 11
125/126
VG6640, VD6640
Revision history
125
06-Dec-2016
10
Update Figure 42: Im2BGA package marking
information
22-Jun-2018
11
Updated document status which is no longer confidential
Removed all products which remained at the
development stage and were never released to
customers: VG5640, VG8640, VD5640, and VD8640.
Removed all mentions of support for 2.8 V: Table 2:
Technical specifications
, Section 1.2: Power supplies,
Table 4: Signal description with Im2BGA 100 balls
, and
Section 11.1.2: Example stereo synchronized cameras
application
.
Renamed Table 1: Device summary
Renamed Section 2: Signal, ball assignment, pad, and
wafer description
Removed Section 2.2: Ball assignment
Added Figure 2: IO ring pad layout and Figure 3: Wafer
description and stack
.
Section 4.2.15: Statistics control registers [0x24A6 -
0x24D3
: added “data refers only to RGB”.
Figure 20
and Figure 22: added “valid only for RGB”.
Updated Section 7.2: Bayer pattern
Section 7.3.3: Digital gain
: added “text refers only to
RGB”.
Updated Table 39: Parameter classification
Updated Table 41: Operating conditions
Updated Table 42: Typical current consumption in reset
and standby
.
Updated Table 45: EXTCLK_XTAL1 - characteristics
Updated Table 49: Digital input - signal characteristics
Updated Table 50: Digital output - signal characteristics
Updated Table 51: I2C interface - signal characteristics
Updated Table 57: Parallel interface - signal
characteristics
Table 59: Electro-optical characteristics
: replaced
“specification” in table title with “characteristics”;
replaced all “P” classifications by “T”.
Added Section 13.3: Delivery of packaged parts
Table 63: Ordering information
: removed all CPNs which
remained in the development stage.
Table 65. Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com