Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6780ACPZN-R7 Datasheet(PDF) 24 Page - Analog Devices

Part # ADRF6780ACPZN-R7
Description  5.9 GHz to 23.6 GHz, Wideband, Microwave Upconverter
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6780ACPZN-R7 Datasheet(HTML) 24 Page - Analog Devices

Back Button ADRF6780ACPZN-R7 Datasheet HTML 20Page - Analog Devices ADRF6780ACPZN-R7 Datasheet HTML 21Page - Analog Devices ADRF6780ACPZN-R7 Datasheet HTML 22Page - Analog Devices ADRF6780ACPZN-R7 Datasheet HTML 23Page - Analog Devices ADRF6780ACPZN-R7 Datasheet HTML 24Page - Analog Devices ADRF6780ACPZN-R7 Datasheet HTML 25Page - Analog Devices ADRF6780ACPZN-R7 Datasheet HTML 26Page - Analog Devices ADRF6780ACPZN-R7 Datasheet HTML 27Page - Analog Devices ADRF6780ACPZN-R7 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 35 page
background image
ADRF6780
Data Sheet
Rev. D | Page 24 of 35
WIDE FREQUENCY PERFORMANCE
Figure 73 and Figure 74 show the typical performance of the
ADRF6780 when using values outside of the RF output
frequency range. It is important to understand that this
performance is typical and not guaranteed.
Figure 73 was tested in I/Q mode with an RF output frequency
of 1 GHz to 31 GHz. The LO input frequency was switched to
LO ×2 doubler mode above 14 GHz.
Figure 74 was tested in IF mode with an RF output frequency of
1 GHz to 31 GHz. The LO input frequency was switched to LO
×2 doubler mode above 14 GHz.
–65
–55
–45
–35
–25
–15
–5
5
1
6
11
16
21
26
31
RF FREQUENCY (GHz)
MAIN TONE
SIDEBAND
LO FEEDTHROUGH
Figure 73. Output Power (POUT) vs. RF Frequency (fRF) in I/Q Mode at
the Maximum Gain Setting, BB I/Q Amplitude = −15 dBm
–65
–55
–45
–35
–25
–15
–5
5
1
6
11
16
21
26
31
RF FREQUENCY (GHz)
MAIN TONE
SIDEBAND
LO FEEDTHROUGH
Figure 74. Output Power (POUT) vs. RF Frequency (fRF) in IF Mode at
the Maximum Gain Setting, IF Amplitude = −12 dBm
LO Path ×1, ×2 Full Range
Figure 75 shows the typical performance of the ADRF6780
when the LO input frequency is used within the full frequency
range. It is important to understand that this performance is
typical and not guaranteed.
Figure 75 was tested with the LO path set to ×1 mode and ×2 mode
with a 5.9 GHz to 23.6 GHz frequency range in I/Q mode. It is
recommended to switch to LO ×2 doubler mode above 14 GHz to
achieve better performance out of the device.
–65
–55
–45
–35
–25
–15
–5
5
5
7
9
11
13
15
17
19
21
23
25
RF FREQUENCY (GHz)
MAIN TONE (LO ×1)
MAIN TONE (LO ×2)
SIDEBAND (LO ×1)
SIDEBAND (LO ×2)
LO FEEDTHROUGH (LO ×1)
LO FEEDTHROUGH (LO ×2)
Figure 75. LO ×1 Mode and LO ×2 Mode, Output Power (POUT) vs.
RF Frequency (fRF) in I/Q Mode at the Maximum Gain Setting,
BB I/Q Amplitude = −15 dBm
LAYOUT
Solder the exposed pad on the underside of the ADRF6780 to a
low thermal and electrical impedance ground plane. This pad is
typically soldered to an exposed opening in the solder mask on
the evaluation board. Connect these ground vias to all other
ground layers on the evaluation board to maximize heat
dissipation from the device package.
Figure 76. Evaluation Board Layout for the ADRF6780 Package



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com