Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6780ACPZN-R7 Datasheet(PDF) 9 Page - Analog Devices

Part # ADRF6780ACPZN-R7
Description  5.9 GHz to 23.6 GHz, Wideband, Microwave Upconverter
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6780ACPZN-R7 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADRF6780ACPZN-R7 Datasheet HTML 5Page - Analog Devices ADRF6780ACPZN-R7 Datasheet HTML 6Page - Analog Devices ADRF6780ACPZN-R7 Datasheet HTML 7Page - Analog Devices ADRF6780ACPZN-R7 Datasheet HTML 8Page - Analog Devices ADRF6780ACPZN-R7 Datasheet HTML 9Page - Analog Devices ADRF6780ACPZN-R7 Datasheet HTML 10Page - Analog Devices ADRF6780ACPZN-R7 Datasheet HTML 11Page - Analog Devices ADRF6780ACPZN-R7 Datasheet HTML 12Page - Analog Devices ADRF6780ACPZN-R7 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 35 page
background image
Data Sheet
ADRF6780
Rev. D | Page 9 of 35
TYPICAL PERFORMANCE CHARACTERISTICS
VPBB = VPBI = VPLO = 3.3 V, VP18 = 1.8 V, VPDT = VPRF = 5 V, TA = 25°C, LO = 0 dBm differential drive, polyphase filter (PPF, ×1)
mode below 14 GHz and differential drive doubler (×2) mode above 14 GHz, VATT = 2.6 V, unless otherwise noted.
I/Q MODE
Baseband (BB) I/Q amplitude = −15 dBm, differential sine waves in quadrature with a 500 mV dc bias, BB I/Q frequency (fx BB) = 10 MHz,
BB input termination with 100 Ω externally, unless otherwise noted.
–40
–35
–30
–25
–20
–15
–10
–5
0
5
5
7
9
11
13
15
17
19
21
23
25
RF FREQUENCY (GHz)
VATT = 2.6V
VATT = 1.5V
VATT = 0.4V
–40°C
+25°C
+85°C
Figure 3. Output Power (POUT) vs. RF Frequency (fRF) at Three Gain Settings for
Various Temperatures, BB I/Q Amplitude = −15 dBm
–40
–35
–30
–25
–20
–15
–10
–5
0
5
5
7
9
11
13
15
17
19
21
23
25
RF FREQUENCY (GHz)
VATT = 2.6V
VATT = 1.5V
VATT = 0.4V
4.75V/3.15V
5.00V/3.30V
5.25V/3.45V
Figure 4. Output Power (POUT) vs. RF Frequency (fRF) at Three Gain Settings for
Various Supply Voltages, BB I/Q Amplitude = −15 dBm
–40
–35
–30
–25
–20
–15
–10
–5
0
5
5
7
9
11
13
15
17
19
21
23
25
RF FREQUENCY (GHz)
VATT = 2.6V
VATT = 1.5V
VATT = 0.4V
LO = +9dBm
LO = +6dBm
LO = +3dBm
LO = 0dBm
LO = –3dBm
LO = –6dBm
LO = –9dBm
Figure 5. Output Power (POUT) vs. RF Frequency (fRF) at Three Gain Settings for
Various LO Inputs, BB I/Q Amplitude = −15 dBm
–15
–10
–5
0
5
10
15
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
VATT (V)
fRF = 6GHz
fRF = 10GHz
fRF = 15GHz
fRF = 20GHz
fRF = 24GHz
Figure 6. Conversion Gain vs. VATT for Various RF Frequencies (fRF)
–10
–5
0
5
10
15
5
7
9
11
13
15
17
19
21
23
25
RF FREQUENCY (GHz)
–40°C
+25°C
+85°C
Figure 7. Output 1 dB Compression Point (P1dB) vs. RF Frequency (fRF) at a 10
dB Gain Setting for Various Temperatures
–10
–5
0
5
10
15
5
7
9
11
13
15
17
19
21
23
25
RF FREQUENCY (GHz)
4.75V/3.15V
5.00V/3.30V
5.25V/3.45V
Figure 8. Output 1 dB Compression Point (P1dB) vs. RF Frequency (fRF) at a
10 dB Gain Setting for Various Supply Voltages



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com