Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6780ACPZN-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # ADRF6780ACPZN-R7
Description  5.9 GHz to 23.6 GHz, Wideband, Microwave Upconverter
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6780ACPZN-R7 Datasheet(HTML) 1 Page - Analog Devices

  ADRF6780ACPZN-R7 Datasheet HTML 1Page - Analog Devices ADRF6780ACPZN-R7 Datasheet HTML 2Page - Analog Devices ADRF6780ACPZN-R7 Datasheet HTML 3Page - Analog Devices ADRF6780ACPZN-R7 Datasheet HTML 4Page - Analog Devices ADRF6780ACPZN-R7 Datasheet HTML 5Page - Analog Devices ADRF6780ACPZN-R7 Datasheet HTML 6Page - Analog Devices ADRF6780ACPZN-R7 Datasheet HTML 7Page - Analog Devices ADRF6780ACPZN-R7 Datasheet HTML 8Page - Analog Devices ADRF6780ACPZN-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
5.9 GHz to 23.6 GHz,
Wideband, Microwave Upconverter
Data Sheet
ADRF6780
Rev. D
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2016–2019 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Wideband RF output frequency range: 5.9 GHz to 23.6 GHz
Two upconversion modes
Direct conversion from baseband I/Q to RF
Single sideband upconversion from real IF
LO input frequency range: 5.4 GHz to 14 GHz
LO doubler for up to 28 GHz
Matched 100 Ω balanced RF output, LO input, and IF input
High impedance baseband inputs
Sideband suppression and carrier feedthrough optimization
Variable attenuator and power detector for Tx power control
Programmable via 4-wire SPI interface
32-lead, 5 mm × 5 mm LFCSP microwave packaging
APPLICATIONS
Point to point microwave radios
Radar, electronic warfare systems
Instrumentation, automatic test equipment (ATE)
GENERAL DESCRIPTION
The ADRF6780 is a silicon germanium (SiGe) design, wideband,
microwave upconverter optimized for point to point microwave
radio designs operating in the 5.9 GHz to 23.6 GHz frequency
range.
The upconverter offers two modes of frequency translation. The
device is capable of direct conversion to radio frequency (RF)
from baseband I/Q input signals, as well as single sideband (SSB)
upconversion from a real intermediate frequency (IF) input
carrier frequency. The baseband inputs are high impedance and
are generally terminated off chip with 100 Ω differential back
terminations. The baseband I/Q input path can be disabled and
a modulated real IF signal anywhere from 0.8 GHz to 3.5 GHz can
fed into the IF input path and upconverted to 5.9 GHz to 23.6 GHz
while suppressing the unwanted sideband by typically better than
25 dBc. The serial port interface (SPI) allows tweaking of the
quadrature phase adjustment to allow optimum sideband
suppression. In addition, the SPI interface allows powering down
the output power detector to reduce power consumption when
power monitoring is not necessary.
The ADRF6780 upconverter comes in a compact, thermally
enhanced, 5 mm × 5 mm LFCSP package. The ADRF6780
operates over the −40°C to +85°C temperature range.
FUNCTIONAL BLOCK DIAGRAM
VVA
LOG
DET
ADC
×1
×2
SPI
ADRF6780
BIAS
CONTROL
QUAD
SPLITTER
BUFFER
32
8
7
6
5
4
3
2
1
17
18
19
20
21
22
23
24
31
30
29
28
27
26
25
9
10
11
12
13
14
15
16
SDTO
SCLK
SDIN
VP18
VPBI
IFIP
AGND
IFIN
RST
VDET
VPDT
VPRF
AGND
RFOP
AGND
RFON
AGND
SEN
VPLO
LOIN
LOIP
VPLO
ALM
AGND
PWDN
VPBB
BBIN
BBIP
BBQN
VATT
VPRF
BBQP
Figure 1.


Similar Part No. - ADRF6780ACPZN-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADRF6780ACPZN-CSL AD-ADRF6780ACPZN-CSL Datasheet
306Kb / 13P
5.9 GHz to 23.6 GHz, Wideband, Microwave Upconverter
Rev. 0
ADRF6780ACPZN-CSL AD-ADRF6780ACPZN-CSL Datasheet
306Kb / 13P
5.9 GHz to 23.6 GHz, Wideband, Microwave Upconverter
Rev. A
ADRF6780ACPZN-CSL-R7 AD-ADRF6780ACPZN-CSL-R7 Datasheet
306Kb / 13P
5.9 GHz to 23.6 GHz, Wideband, Microwave Upconverter
Rev. 0
ADRF6780ACPZN-CSL-R7 AD-ADRF6780ACPZN-CSL-R7 Datasheet
306Kb / 13P
5.9 GHz to 23.6 GHz, Wideband, Microwave Upconverter
Rev. A
More results

Similar Description - ADRF6780ACPZN-R7

ManufacturerPart #DatasheetDescription
logo
Communications & Power ...
VTC-5762B5 CPI-VTC-5762B5 Datasheet
96Kb / 2P
5.2 to 5.9 GHz
logo
Hittite Microwave Corpo...
HMC711LC5 HITTITE-HMC711LC5_10 Datasheet
430Kb / 14P
GaAs MMIC SUB-HARMONIC UPCONVERTER, 17.7 - 23.6 GHz
HMC711LC5_1005 HITTITE-HMC711LC5_1005 Datasheet
791Kb / 14P
GaAs MMIC SUB-HARMONIC UPCONVERTER, 17.7 - 23.6 GHz
HMC819LCS HITTITE-HMC819LCS Datasheet
1Mb / 16P
GaAs MMIC I/Q UPCONVERTER 17.7 - 23.6 GHz
logo
Analog Devices
ADMV1013 AD-ADMV1013 Datasheet
1Mb / 39P
Wideband, Microwave Upconverter
4/2019-Rev. 0 to Rev. A
ADMV1014 AD-ADMV1014 Datasheet
2Mb / 42P
24 GHz to 44 GHz, Wideband, Microwave Downconverter
4/2019-Rev. 0 to Rev. A
ADMV7320 AD-ADMV7320 Datasheet
422Kb / 29P
E-Band Upconverter SiP, 81 GHz to 86 GHz
12/2020-Rev. B to Rev. C
ADMV1139 AD-ADMV1139 Datasheet
90Kb / 2P
37 GHz to 48.2 GHz, 5G, Microwave Upconverter and Downconverter
ADMV4630 AD-ADMV4630 Datasheet
2Mb / 40P
14.0 GHz to 14.5 GHz, SATCOM, Ku Band Upconverter
Rev. A
ADMV1139A AD-ADMV1139A Datasheet
86Kb / 2P
37 GHz to 50 GHz, 5G, Microwave Upconverter and Downconverter
Rev. Sp0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com