Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6780ACPZN-R7 Datasheet(PDF) 4 Page - Analog Devices

Part # ADRF6780ACPZN-R7
Description  5.9 GHz to 23.6 GHz, Wideband, Microwave Upconverter
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6780ACPZN-R7 Datasheet(HTML) 4 Page - Analog Devices

  ADRF6780ACPZN-R7 Datasheet HTML 1Page - Analog Devices ADRF6780ACPZN-R7 Datasheet HTML 2Page - Analog Devices ADRF6780ACPZN-R7 Datasheet HTML 3Page - Analog Devices ADRF6780ACPZN-R7 Datasheet HTML 4Page - Analog Devices ADRF6780ACPZN-R7 Datasheet HTML 5Page - Analog Devices ADRF6780ACPZN-R7 Datasheet HTML 6Page - Analog Devices ADRF6780ACPZN-R7 Datasheet HTML 7Page - Analog Devices ADRF6780ACPZN-R7 Datasheet HTML 8Page - Analog Devices ADRF6780ACPZN-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 35 page
background image
ADRF6780
Data Sheet
Rev. D | Page 4 of 35
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
IF UPCONVERTER PERFORMANCE
Upconversion Voltage Gain
Maximum gain at maximum gain setting
7
11
dB
Minimum gain at minimum gain setting
−14
dB
Output Noise Density
Output carrier > −5 dBm
−147
dBc/Hz
Output carrier > −14 dBm
−145
dBc/Hz
Output carrier > −22.5 dBm
−136
dBc/Hz
OIP3
f1 IF = 1810 MHz, f2 IF = 1812 MHz, amplitude per tone
= −15 dBm sine waves in quadrature with ac bias,
7 dB gain setting
23.5
5.9 GHz to 10 GHz
27
dBm
10 GHz to 14 GHz
24
dBm
14 GHz to 20 GHz
22.5
dBm
20 GHz to 23.6 GHz
22.5
dBm
IMD5
f1 IF = 1810 MHz, f2 IF = 1812 MHz, amplitude per tone
= −15 dBm sine waves in quadrature with ac bias,
7 dB gain setting
80
dBm
Output P1dB
5.9 GHz to 10 GHz
At 7 dB gain setting
10.5
dBm
At maximum gain setting
11.5
dBm
10 GHz to 14 GHz
At 7 dB gain setting
10
dBm
At maximum gain setting
12
dBm
14 GHz to 20 GHz
At 7 dB gain setting
9.5
dBm
At maximum gain setting
12
dBm
20 GHz to 23.6 GHz
At 7 dB gain setting
9.5
dBm
At maximum gain setting
11.5
dBm
LO Feedthrough
At 7 dB gain setting (can be improved by baseband dc
offset adjustment)
−35
dBm
Sideband Suppression
At 7 dB gain setting
25
dBc
Tx POWER DETECTOR PERFORMANCE
Output Level
Maximum
2
dBm
Minimum
−30
dBm
±1 dB Dynamic Range
34
dB
Output Voltage
Maximum
1
V
Minimum
0.2
V
Log Slope
25
mV/dB
Time
Rise
PIN = off to −10 dBm, 10% to 90%,
C7 = 10 pF (see Figure 83)
134
ns
Fall
PIN = −10 dBm to off, 10% to 90%,
C7 = 10 pF (see Figure 83)
190
ns
Response
C7 = 10 pF (see Figure 83)
30
ns
RETURN LOSS
RF Output
100 Ω differential
12
dB
LO Input
100 Ω differential
12
dB
IF Input
100 Ω differential
17
dB
Baseband I/Q Input Impedance
1
MΩ
LOGIC INPUTS
Input High Voltage Range, VINH
VP18 − 0.4
1.8
V
Input Low Voltage Range, VINL
0
0.4
V
Input Current, IINH/IINL
100
µA
Input Capacitance, CIN
3
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com