Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6780ACPZN-R7 Datasheet(PDF) 19 Page - Analog Devices

Part # ADRF6780ACPZN-R7
Description  5.9 GHz to 23.6 GHz, Wideband, Microwave Upconverter
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6780ACPZN-R7 Datasheet(HTML) 19 Page - Analog Devices

Back Button ADRF6780ACPZN-R7 Datasheet HTML 15Page - Analog Devices ADRF6780ACPZN-R7 Datasheet HTML 16Page - Analog Devices ADRF6780ACPZN-R7 Datasheet HTML 17Page - Analog Devices ADRF6780ACPZN-R7 Datasheet HTML 18Page - Analog Devices ADRF6780ACPZN-R7 Datasheet HTML 19Page - Analog Devices ADRF6780ACPZN-R7 Datasheet HTML 20Page - Analog Devices ADRF6780ACPZN-R7 Datasheet HTML 21Page - Analog Devices ADRF6780ACPZN-R7 Datasheet HTML 22Page - Analog Devices ADRF6780ACPZN-R7 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 35 page
background image
Data Sheet
ADRF6780
Rev. D | Page 19 of 35
OUTPUT DETECTOR PERFORMANCE
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
–35
–30
–25
–20
–15
–10
–5
0
5
10
POUT AT 15GHz (dBm)
–40°C
+25°C
+85°C
Figure 60. Detector Output (VDET) vs. Output Power (POUT) at 15 GHz for
Various Temperatures
–5
–4
–3
–2
–1
0
1
2
3
4
5
–35
–30
–25
–20
–15
–10
–5
0
5
10
POUT AT 15GHz (dBm)
–40°C
+25°C
+85°C
Figure 61. Detector Error vs. Output Power (POUT) at 15 GHz for
Various Temperatures
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
5
7
9
11
13
15
17
19
21
23
25
RF FREQUENCY (GHz)
–40°C
+25°C
+85°C
Figure 62. Detector Output (VDET) vs. RF Frequency (fRF),
−5 dBm Output Power (POUT) for Various Temperatures



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com