Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6780ACPZN-R7 Datasheet(PDF) 15 Page - Analog Devices

Part # ADRF6780ACPZN-R7
Description  5.9 GHz to 23.6 GHz, Wideband, Microwave Upconverter
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6780ACPZN-R7 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADRF6780ACPZN-R7 Datasheet HTML 11Page - Analog Devices ADRF6780ACPZN-R7 Datasheet HTML 12Page - Analog Devices ADRF6780ACPZN-R7 Datasheet HTML 13Page - Analog Devices ADRF6780ACPZN-R7 Datasheet HTML 14Page - Analog Devices ADRF6780ACPZN-R7 Datasheet HTML 15Page - Analog Devices ADRF6780ACPZN-R7 Datasheet HTML 16Page - Analog Devices ADRF6780ACPZN-R7 Datasheet HTML 17Page - Analog Devices ADRF6780ACPZN-R7 Datasheet HTML 18Page - Analog Devices ADRF6780ACPZN-R7 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 35 page
background image
Data Sheet
ADRF6780
Rev. D | Page 15 of 35
–15
–10
–5
0
5
10
15
5
7
9
11
13
15
17
19
21
23
25
RF FREQUENCY (GHz)
LO = +9dBm
LO = +6dBm
LO = +3dBm
LO = 0dBm
LO = –3dBm
LO = –6dBm
LO = –9dBm
Figure 38. Output 1 dB Compression Point (P1dB) vs. RF Frequency (fRF) at a
7 dB Gain Setting for Various LO Inputs
–10
–5
0
5
10
15
5
7
9
11
13
15
17
19
21
23
25
RF FREQUENCY (GHz)
MAXIMUM GAIN
7dB GAIN
Figure 39. 1 dB Output Compression Point (P1dB) vs. RF Frequency (fRF) at a
7 dB Gain Setting and the Maximum Gain Setting
–10
–5
0
5
10
15
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
IF FREQUENCY (GHz)
Figure 40. Output 1 dB Compression Point (P1dB) at 15 GHz vs. IF Frequency
at a 7 dB Gain Setting
–80
–70
–60
–50
–40
–30
–20
–10
0
5
7
9
11
13
15
17
19
21
23
25
RF FREQUENCY (GHz)
+85°C, VATT = 2.6V
+85°C, VATT = 1.5V
+85°C, VATT = 0.4V
–40°C, VATT = 2.6V
–40°C, VATT = 1.5V
–40°C, VATT = 0.4V
+25°C, VATT = 2.6V
+25°C, VATT = 1.5V
+25°C, VATT = 0.4V
Figure 41. Carrier Feedthrough vs. RF Frequency (fRF) at Three Gain Settings
for Various Temperatures Before Nulling
0
5
10
15
20
25
30
35
40
5
7
9
11
13
15
17
19
21
23
25
RF FREQUENCY (GHz)
+85°C, VATT = 2.6V
+85°C, VATT = 1.5V
+85°C, VATT = 0.4V
–40°C, VATT = 2.6V
–40°C, VATT = 1.5V
–40°C, VATT = 0.4V
+25°C, VATT = 2.6V
+25°C, VATT = 1.5V
+25°C, VATT = 0.4V
Figure 42. Sideband Suppression vs. RF Frequency (fRF) at Three Different
Gain Settings for Various Temperatures Before Nulling
0
10
20
30
40
50
60
70
80
5
7
9
11
13
15
17
19
21
23
25
RF FREQUENCY (GHz)
–40°C
+25°C
+85°C
Figure 43. Third-Order Intermodulation Distortion (IMD3) vs. RF Frequency (fRF) at
a 7 dB Gain Setting for Various Temperatures, IF Amplitude = −15 dBm per
Tone



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com