Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6780ACPZN-R7 Datasheet(PDF) 31 Page - Analog Devices

Part # ADRF6780ACPZN-R7
Description  5.9 GHz to 23.6 GHz, Wideband, Microwave Upconverter
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6780ACPZN-R7 Datasheet(HTML) 31 Page - Analog Devices

Back Button ADRF6780ACPZN-R7 Datasheet HTML 27Page - Analog Devices ADRF6780ACPZN-R7 Datasheet HTML 28Page - Analog Devices ADRF6780ACPZN-R7 Datasheet HTML 29Page - Analog Devices ADRF6780ACPZN-R7 Datasheet HTML 30Page - Analog Devices ADRF6780ACPZN-R7 Datasheet HTML 31Page - Analog Devices ADRF6780ACPZN-R7 Datasheet HTML 32Page - Analog Devices ADRF6780ACPZN-R7 Datasheet HTML 33Page - Analog Devices ADRF6780ACPZN-R7 Datasheet HTML 34Page - Analog Devices ADRF6780ACPZN-R7 Datasheet HTML 35Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 31 / 35 page
background image
Data Sheet
ADRF6780
Rev. D | Page 31 of 35
ADC_CONTROL REGISTER
Address: 0x06, Reset: 0x0000, Name: ADC_CONTROL
ADC Clock Enable
1: Enable.
0: Disable.
VDET Output Pin Select
1: VDET Output Select Enable.
0: VDET Output Select Disable.
ADC Enable and Com parator on
1: Enable.
0: Disable.
ADC FallEdge to Start ADCConversion-Write
High Then Low
1: Set ADC conversion control high.
0:
edge.
ADC conversion activated at falling
0
0
1
0
2
0
3
0
4
0
5
0
6
0
7
0
8
0
9
0
10
0
11
0
12
0
13
0
14
0
15
0
[15:4] RESERVED
[0] ADC_CLOCK_ENABLE (R/W)
[3] VDET_OUTPUT_SELECT (R/W)
[1] ADC_ENABLE (R/W)
[2] ADC_START (R/W)
Table 14. Bit Descriptions for ADC_CONTROL
Bits
Bit Name
Settings
Description
Reset
Access
[15:4]
RESERVED
Reserved
0x0
R/W
3
VDET_OUTPUT_SELECT
VDET Output Pin Select
0x0
R/W
0
VDET Output Select Disable
1
VDET Output Select Enable
2
ADC_START
ADC Fall Edge to Start ADC Conversion Write High Then Low
0x0
R/W
0
ADC Conversion Activated at Falling Edge
1
Set ADC conversion control High
1
ADC_ENABLE
ADC Enable and Comparator On
0x0
R/W
0
Disable
1
Enable
0
ADC_CLOCK_ENABLE
ADC Clock Enable
0x0
R/W
0
Disable
1
Enable
ADC_OUTPUT REGISTER
Address: 0x0C, Reset: 0x0010, Name: ADC_OUTPUT
Detector ADC 8 Bit Output
ADC Busy
1: Ready.
0: Bus y.
0
0
1
0
2
0
3
0
4
0
5
0
6
0
7
0
8
0
9
0
10
0
11
0
12
0
13
0
14
0
15
0
[15:9] RESERVED
[7:0] ADC_VALUE (R)
[8] ADC_STATUS (R)
Table 15. Bit Descriptions for ADC_OUTPUT
Bits
Bit Name
Settings
Description
Reset
Access
[15:9]
RESERVED
Reserved
0x0
R/W
8
ADC_STATUS
ADC Busy
0x0
R
0
Busy
1
Ready
[7:0]
ADC_VALUE
Detector ADC 8-Bit Output
0x0
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com