Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6780ACPZN-R7 Datasheet(PDF) 33 Page - Analog Devices

Part # ADRF6780ACPZN-R7
Description  5.9 GHz to 23.6 GHz, Wideband, Microwave Upconverter
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6780ACPZN-R7 Datasheet(HTML) 33 Page - Analog Devices

Back Button ADRF6780ACPZN-R7 Datasheet HTML 27Page - Analog Devices ADRF6780ACPZN-R7 Datasheet HTML 28Page - Analog Devices ADRF6780ACPZN-R7 Datasheet HTML 29Page - Analog Devices ADRF6780ACPZN-R7 Datasheet HTML 30Page - Analog Devices ADRF6780ACPZN-R7 Datasheet HTML 31Page - Analog Devices ADRF6780ACPZN-R7 Datasheet HTML 32Page - Analog Devices ADRF6780ACPZN-R7 Datasheet HTML 33Page - Analog Devices ADRF6780ACPZN-R7 Datasheet HTML 34Page - Analog Devices ADRF6780ACPZN-R7 Datasheet HTML 35Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 33 / 35 page
background image
Data Sheet
ADRF6780
Rev. D | Page 33 of 35
PROGRAMMING HEADER
USB
MUSB-05-F-AB-SM-A-R
FXL4TD245BQX
C0603
10UF
C3216
10UF
0.1UF
C0402
C0402
C0402
0.1UF
C0402
0.1UF
R0603
100K
80.6
SAMTECTSW10608GS6PIN
R0402
R0402
0
0.1UF
R1206
C0603
0.1UF
0.1UF
C0603
0
R0603
DNI
R0603
10K
100K
LB L293-N1N2-25-Z(BLUE)
10K
PIC18F24J50-I/ML
XP2
R22
XC4
XC8
XC7
XC6
XC5
XR6
XU1
R16
R15
XR2
XP1
XC12
U1
C141
USB
R21
C140
R20
3.3V
3.3V
USB_VCC
CS2
USB_D+
3.3V
PGC
USB_D–
SCK
MOSI
MISO
CS1
USB_D+
USB_VCC
USB_D-
3.3V
1.8V
CS1
MOSI
MISO
6780_SCK
6780_MISO
6780_MOSI
6780_CS
3.3V
3.3V
SCK
PGC
EN1
EN1
5
8
PAD
7
9
10
1
N
P
A
16
5
17
15
19
6
4
13
3
7
10
9
11
12
14
8
1
20
21
26
PAD
24
6
2
1
3
4
1
PAD1
23
5
2
PAD4
18
PAD3
5
2
4
6
13
14
2
3
PAD2
C
22
15
11
12
16
27
25
28
3
4
AGND
AGND
PAD
VCCB
T_R1_N
B0
B1
B2
B3
T_R2_N
OE_N
GND
T_R3_N
A3
A2
A1
A0
T_R0_N
VCCA
AGND
PINS
SHIELD
AGND
AGND
AGND
AGND
AGND
AGND
AGND
AGND
RC2_AN11_CTPLS_RP13
OSC2_CLKO_RA6
RC1_T1OSI_UOE_N_RP12
PAD
RA1_AN1_C2INA_RP1
RA0_AN0_C1INA_ULPWU_RP0
MCLR_N
RB7_KBI3_PGD_RP10
RB6_KBI2_PGC_RP9
RB5_KBI1_SDI1_SDA1_RP8
RB4_KBI0_SCK1_SCL1_RP7
RB3_AN9_CTEDG2_VPO_RP6
RB2_AN8_CTEDG1_VMO_REFO_RP5
RB1_AN10_RTCC_RP4
RB0_AN12_INT0_RP3
VDD
RC7_RX1_DT1_SDO1_RP18
RC6_TX1_CK1_RP17
RC5_D_POS_VP
RC4_D_NEG_VM
VUSB
RC0_T1OSO_T1CKI_RP11
OSC1_CLKI_RA7
VSS
RA5_AN4_SS1_N_HLVDIN_RCV_RP2
VDDCORE_VCAP
RA3_AN3_VREF_POS_C1INB
RA2_AN2_VREF_NEG_CVREF_C2INB
Figure 84. ADRF6780 Evaluation Board Schematic Page 2
3.3V LDO REGULATORS
1.8V LDO REGULATOR
NANODAC
3.3V
3.3V_6780
1000PF
ADM7172ACPZ-3.3
C0603
1000PF
C0603
0
AD5601BCPZ
C3216
R0603
ADM7170ACPZ-1.8
C0603
C0603
C0603
4.7UF
10UF
ADM7172ACPZ-3.3
1000PF
0
R0603
4.7UF
C0603
C0603
C0603
0
R0603
4.7UF
4.7UF
4.7UF
R0603
4.7UF
C0603
0
U5
U4
C50
C51
R14
U2
U3
C43
R18
C42
C47
R17
C46
C45
C44
C49
C48
R19
CS2
5V
3.3V_6780
3.3V
3.3V
5V
5V
1.8V
6780_VATT
SCK
MOSI
6
PAD
5
3
6
1
4
7
8
6
5
4
3
1
2
1
3
2
4
7
PAD
8
PAD
5
2
AGND
AGND
AGND
AGND
EP
VIN
VIN
GND
EN
SS
SENSE
VOUT
VOUT
AGND
AGND
PAD
VOUT
GND
VDD
SDIN
SCLK
SYNC_N
AGND
AGND
AGND
AGND
EP
VIN2
VIN1
GND
EN
SS
SENSE
VOUT2
VOUT1
AGND
AGND
AGND
AGND
EP
VIN2
VIN1
GND
EN
SS
SENSE
VOUT2
VOUT1
Figure 85. ADRF6780 Evaluation Board Schematic Page 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com