Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6780ACPZN-R7 Datasheet(PDF) 28 Page - Analog Devices

Part # ADRF6780ACPZN-R7
Description  5.9 GHz to 23.6 GHz, Wideband, Microwave Upconverter
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6780ACPZN-R7 Datasheet(HTML) 28 Page - Analog Devices

Back Button ADRF6780ACPZN-R7 Datasheet HTML 24Page - Analog Devices ADRF6780ACPZN-R7 Datasheet HTML 25Page - Analog Devices ADRF6780ACPZN-R7 Datasheet HTML 26Page - Analog Devices ADRF6780ACPZN-R7 Datasheet HTML 27Page - Analog Devices ADRF6780ACPZN-R7 Datasheet HTML 28Page - Analog Devices ADRF6780ACPZN-R7 Datasheet HTML 29Page - Analog Devices ADRF6780ACPZN-R7 Datasheet HTML 30Page - Analog Devices ADRF6780ACPZN-R7 Datasheet HTML 31Page - Analog Devices ADRF6780ACPZN-R7 Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 35 page
background image
ADRF6780
Data Sheet
Rev. D | Page 28 of 35
REGISTER DETAILS: WIDEBAND UPCONVERTER
CONTROL REGISTER
Address: 0x00, Reset: 0x0075, Name: Control
Enable the Parity for Write Execution
Chip Revision
SPI Soft Reset (SPI Soft Reset is
Not Self-Reset)
Chip ID
0
1
1
0
2
1
3
0
4
1
5
1
6
1
7
0
8
0
9
0
10
0
11
0
12
0
13
0
14
0
15
0
[15] PARITY_EN (R/W)
[3:0] CHIP_REVISION (R)
[14] SOFT_RESET (W)
[11:4] CHIP_ID (R)
[13:12] RESERVED
Table 8. Bit Descriptions for Control
Bits
Bit Name
Settings
Description
Reset
Access
15
PARITY_EN
Enable the Parity for Write Execution
0x0
R/W
14
SOFT_RESET
SPI Soft Reset (SPI Soft Reset is Not Self-Reset)
0x0
W
[13:12]
RESERVED
Reserved
0x0
R/W
[11:4]
CHIP_ID
Chip ID
0x7
R
[3:0]
CHIP_REVISION
Chip Revision
0x5
R
ALARM_READBACK REGISTER
Address: 0x01, Reset: 0x0000, Name: ALARM_READBACK
Parity Error
Too Few Errors
Address Range Error
Too Many Errors
0
0
1
0
2
0
3
0
4
0
5
0
6
0
7
0
8
0
9
0
10
0
11
0
12
0
13
0
14
0
15
0
[15] PARITY_ERROR (R)
[11:0] RESERVED
[14] TOO_FEW_ERRORS (R)
[12] ADDRESS_RANGE_ERROR (R)
[13] TOO_MANY_ERRORS (R)
Table 9. Bit Descriptions for ALARM_READBACK
Bits
Bit Name
Settings
Description
Reset
Access
15
PARITY_ERROR
Parity Error
0x0
R
14
TOO_FEW_ERRORS
Too Few Errors
0x0
R
13
TOO_MANY_ERRORS
Too Many Errors
0x0
R
12
ADDRESS_RANGE_ERROR
Address Range Error
0x0
R
[11:0]
RESERVED
Reserved
0x0
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com