Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6780ACPZN-R7 Datasheet(PDF) 5 Page - Analog Devices

Part # ADRF6780ACPZN-R7
Description  5.9 GHz to 23.6 GHz, Wideband, Microwave Upconverter
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6780ACPZN-R7 Datasheet(HTML) 5 Page - Analog Devices

  ADRF6780ACPZN-R7 Datasheet HTML 1Page - Analog Devices ADRF6780ACPZN-R7 Datasheet HTML 2Page - Analog Devices ADRF6780ACPZN-R7 Datasheet HTML 3Page - Analog Devices ADRF6780ACPZN-R7 Datasheet HTML 4Page - Analog Devices ADRF6780ACPZN-R7 Datasheet HTML 5Page - Analog Devices ADRF6780ACPZN-R7 Datasheet HTML 6Page - Analog Devices ADRF6780ACPZN-R7 Datasheet HTML 7Page - Analog Devices ADRF6780ACPZN-R7 Datasheet HTML 8Page - Analog Devices ADRF6780ACPZN-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 35 page
background image
Data Sheet
ADRF6780
Rev. D | Page 5 of 35
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
LOGIC OUTPUTS
Output High Voltage Range, VOH
VP18 − 0.4
1.8
V
Output Low Voltage Range, VOL
0
0.4
V
Output High Current, IOH
500
µA
POWER INTERFACE
VPBB, VPLO, VPBI
3.15
3.3
3.45
V
VPBB, VPLO, VPBI Supply Current
×1 LO path enabled, IF path disabled
340
mA
×2 LO path enabled, IF path disabled
390
mA
×1 LO path enabled, IF path enabled
490
mA
×2 LO path enabled, IF path enabled
540
mA
VP18
1.7
1.8
1.9
V
VP18 Supply Current
1
mA
VPDT, VPRF
4.75
5
5.25
V
VPDT, VPRF Supply Current
×1/×2 LO path enabled, IF path disabled
180
mA
×1/×2 LO path enabled, IF path enabled
160
mA
Total Power Consumption
×2 LO path enabled, IF path enabled
2.58
W
Power down
35
50
mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com