Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6780ACPZN-R7 Datasheet(PDF) 30 Page - Analog Devices

Part # ADRF6780ACPZN-R7
Description  5.9 GHz to 23.6 GHz, Wideband, Microwave Upconverter
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6780ACPZN-R7 Datasheet(HTML) 30 Page - Analog Devices

Back Button ADRF6780ACPZN-R7 Datasheet HTML 26Page - Analog Devices ADRF6780ACPZN-R7 Datasheet HTML 27Page - Analog Devices ADRF6780ACPZN-R7 Datasheet HTML 28Page - Analog Devices ADRF6780ACPZN-R7 Datasheet HTML 29Page - Analog Devices ADRF6780ACPZN-R7 Datasheet HTML 30Page - Analog Devices ADRF6780ACPZN-R7 Datasheet HTML 31Page - Analog Devices ADRF6780ACPZN-R7 Datasheet HTML 32Page - Analog Devices ADRF6780ACPZN-R7 Datasheet HTML 33Page - Analog Devices ADRF6780ACPZN-R7 Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 35 page
background image
ADRF6780
Data Sheet
Rev. D | Page 30 of 35
LINEARIZE REGISTER
Address: 0x04, Reset: 0x0080, Name: Linearize
RDAC 8 Bits : for IMD Perform ance
Im provem ent (0-255)
0
0
1
0
2
0
3
0
4
0
5
0
6
0
7
1
8
0
9
0
10
0
11
0
12
0
13
0
14
0
15
0
[15:8] RESERVED
[7:0] RDAC Linearize (R/W)
Table 12. Bit Descriptions for Linearize
Bits
Bit Name
Settings
Description
Reset
Access
[15:8]
RESERVED
Reserved
0x0
R/W
[7:0]
RDAC_LINEARIZE
RDAC 8 Bits: for IMD Performance Improvement (0 to 255)
0x80
R/W
LO_PATH REGISTER
Address: 0x05, Reset: 0x0000, Name: LO_PATH
CDAC for I Phas e Accuracy
Switch to the Other LO SideBand
CDAC for Q Phas e Accuracy
0
0
1
0
2
0
3
0
4
0
5
0
6
0
7
0
8
0
9
0
10
0
11
0
12
0
13
0
14
0
15
0
[15:11] RESERVED
[3:0] I_PATH_PHASE_ACCURACY (R/W)
[10] LO_SIDEBAND (R/W)
[7:4] Q_PATH_PHASE_ACCURACY (R/W)
[9:8] RESERVED
Table 13. Bit Descriptions for LO_PATH
Bits
Bit Name
Settings
Description
Reset
Access
[15:11]
RESERVED
Reserved
0x0
R/W
10
LO_SIDEBAND
Switch to the Other LO Sideband
0x0
R/W
[9:8]
RESERVED
Reserved
0x0
R/W
[7:4]
Q_PATH_PHASE_ACCURACY
CDAC for Q Phase Accuracy
0x0
R/W
[3:0]
I_PATH_PHASE_ACCURACY
CDAC for I Phase Accuracy
0x0
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com