Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6780ACPZN-R7 Datasheet(PDF) 3 Page - Analog Devices

Part # ADRF6780ACPZN-R7
Description  5.9 GHz to 23.6 GHz, Wideband, Microwave Upconverter
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6780ACPZN-R7 Datasheet(HTML) 3 Page - Analog Devices

  ADRF6780ACPZN-R7 Datasheet HTML 1Page - Analog Devices ADRF6780ACPZN-R7 Datasheet HTML 2Page - Analog Devices ADRF6780ACPZN-R7 Datasheet HTML 3Page - Analog Devices ADRF6780ACPZN-R7 Datasheet HTML 4Page - Analog Devices ADRF6780ACPZN-R7 Datasheet HTML 5Page - Analog Devices ADRF6780ACPZN-R7 Datasheet HTML 6Page - Analog Devices ADRF6780ACPZN-R7 Datasheet HTML 7Page - Analog Devices ADRF6780ACPZN-R7 Datasheet HTML 8Page - Analog Devices ADRF6780ACPZN-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 35 page
background image
Data Sheet
ADRF6780
Rev. D | Page 3 of 35
SPECIFICATIONS
VPBB = VPBI = VPLO = 3.3 V, VP18 = 1.8 V, VPDT = VPRF = 5 V, TA = 25°C, LO = 0 dBm differential drive; baseband I/Q amplitude =
−15 dBm differential sine waves in quadrature with a 500 mV dc bias, baseband input termination with 100 Ω externally, IF amplitude =
−12 dBm differential sine waves, unless otherwise noted.
Table 1.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
RF OUTPUT FREQUENCY RANGE
5.9
23.6
GHz
LOCAL OSCILLATOR (LO) INPUT
FREQUENCY RANGE
5.4
14
GHz
LO AMPLITUDE RANGE
−6
0
+6
dBm
IF INPUT FREQUENCY RANGE
0.8
3.5
GHz
BASEBAND (BB) I/Q INPUT FREQUENCY
RANGE
DC
750
MHz
I/Q MODULATOR PERFORMANCE
Modulator Voltage Gain
Maximum gain at maximum gain setting
10
13
dB
Minimum gain at minimum gain setting
−12
dB
Output Noise Density
Output carrier > −5 dBm
−147
dBc/Hz
Output carrier > −14 dBm
−145
dBc/Hz
Output carrier > −22.5 dBm
−136
dBc/Hz
Output Third-Order Intercept (OIP3)
f1BB = 10 MHz, f2BB = 12 MHz, baseband I/Q amplitude
per tone = −15 dBm sine waves in quadrature with a
500 mV dc bias, 10 dB gain setting
5.9 GHz to 10 GHz
24
dBm
10 GHz to 14 GHz
25
dBm
14 GHz to 20 GHz
27
dBm
20 GHz to 23.6 GHz
27
dBm
Fifth-Order Intermodulation Distortion
(IMD5)
f1 BB = 10 MHz, f2 BB = 12 MHz, baseband I/Q amplitude
per tone = −15 dBm sine waves in quadrature with a
500 mV dc bias, 10 dB gain setting
65
dBm
Output Second-Order Intercept (OIP2)
f1 BB = 10 MHz, f2 BB = 12 MHz, baseband I/Q amplitude
per tone = −15 dBm sine waves in quadrature with a
500 mV dc bias, 10 dB gain setting
5.9 GHz to 10 GHz
65
dBm
10 GHz to 14 GHz
65
dBm
14 GHz to 20 GHz
66
dBm
20 GHz to 23.6 GHz
50
dBm
Output 1 dB Compression Point (P1dB)
5.9 GHz to 10 GHz
At 10 dB gain setting
10.5
dBm
At maximum gain setting
11
dBm
10 GHz to 14 GHz
At 10 dB gain setting
11
dBm
At maximum gain setting
12
dBm
14 GHz to 20 GHz
At 10 dB gain setting
10
dBm
At maximum gain setting
12
dBm
20 GHz to 23.6 GHz
At 10 dB gain setting
10
dBm
At maximum gain setting
11
dBm
LO Feedthrough
At 10 dB gain setting (can be improved baseband dc
offset adjustment)
−25
dBm
Sideband Suppression
At 10 dB gain setting
25
dBc



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com