Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6780ACPZN-R7 Datasheet(PDF) 26 Page - Analog Devices

Part # ADRF6780ACPZN-R7
Description  5.9 GHz to 23.6 GHz, Wideband, Microwave Upconverter
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6780ACPZN-R7 Datasheet(HTML) 26 Page - Analog Devices

Back Button ADRF6780ACPZN-R7 Datasheet HTML 22Page - Analog Devices ADRF6780ACPZN-R7 Datasheet HTML 23Page - Analog Devices ADRF6780ACPZN-R7 Datasheet HTML 24Page - Analog Devices ADRF6780ACPZN-R7 Datasheet HTML 25Page - Analog Devices ADRF6780ACPZN-R7 Datasheet HTML 26Page - Analog Devices ADRF6780ACPZN-R7 Datasheet HTML 27Page - Analog Devices ADRF6780ACPZN-R7 Datasheet HTML 28Page - Analog Devices ADRF6780ACPZN-R7 Datasheet HTML 29Page - Analog Devices ADRF6780ACPZN-R7 Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 35 page
background image
ADRF6780
Data Sheet
Rev. D | Page 26 of 35
Gain, third-order intermodulation distortion (IMD3), and sideband rejection are also measured. RF frequencies from 5 GHz to 13 GHz
are produced in LO ×1 mode, while LO ×2 mode produced RF frequencies from 14 GHz to 25 GHz. In both differential (Figure 77 to
Figure 79) and single-ended (Figure 80 to Figure 82) configurations, the total LO power was swept from −10 dBm to +6 dBm. In differential
mode, the amplitude was the sum of the LOIP and LOIN inputs.
–40
–35
–30
–25
–20
–15
–10
–5
0
5
7
9
11
13
15
17
19
21
23
25
RF FREQUENCY (GHz)
LO = –10dBm
LO = –6dBm
LO = 0dBm
LO = +6dBm
VATT = 2.6V
VATT = 1.5V
VATT = 0.4V
Figure 77. LO Differential Input, Output Power (POUT) vs. RF Frequency (fRF) at
Three Gain Settings for Various LO Inputs,
BB I/Q Amplitude = −15 dBm
RF FREQUENCY (GHz)
0
10
20
30
40
50
60
70
80
5
7
9
11
13
15
17
19
21
23
25
LO = –10dBm
LO = –6dBm
LO = 0dBm
LO = +6dBm
Figure 78. LO Differential Input, Third-Order Intermodulation Distortion (IMD3) vs.
RF Frequency (fRF) at a 10 dB Gain Setting (POUT ≈ −5 dBm per Tone)
0
10
20
30
40
50
60
5
7
9
11
13
15
17
19
21
23
25
RF FREQUENCY (GHz)
LO = –10dBm
LO = –6dBm
LO = 0dBm
LO = +6dBm
Figure 79. LO Differential Input, Sideband Suppression vs. RF Frequency (fRF)
Before Nulling
–40
–35
–30
–25
–20
–15
–10
–5
0
5
7
9
11
13
15
17
19
21
23
25
RF FREQUENCY (GHz)
VATT = 2.6V
VATT = 1.5V
VATT = 0.4V
LO = –10dBm
LO = –6dBm
LO = 0dBm
LO = +6dBm
Figure 80. LO Single-Ended Input, Output Power (POUT) vs. RF Frequency (fRF)
at Three Gain Settings for Various LO Inputs,
BB I/Q Amplitude = −15 dBm
RF FREQUENCY (GHz)
0
10
20
30
40
50
60
70
80
5
7
9
11
13
15
17
19
21
23
25
LO = –10dBm
LO = –6dBm
LO = 0dBm
LO = +6dBm
Figure 81. LO Single-Ended Input, Third-Order Intermodulation Distortion (IMD3)
vs. RF Frequency (fRF) at a 10 dB Gain Setting (POUT ≈ −5 dBm per Tone)
0
10
20
30
40
50
60
5
7
9
11
13
15
17
19
21
23
25
RF FREQUENCY (GHz)
LO = –10dBm
LO = –6dBm
LO = 0dBm
LO = +6dBm
Figure 82. LO Single-Ended Input, Sideband Suppression vs. RF Frequency
(fRF) Before Nulling



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com