Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6780ACPZN-R7 Datasheet(PDF) 25 Page - Analog Devices

Part # ADRF6780ACPZN-R7
Description  5.9 GHz to 23.6 GHz, Wideband, Microwave Upconverter
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6780ACPZN-R7 Datasheet(HTML) 25 Page - Analog Devices

Back Button ADRF6780ACPZN-R7 Datasheet HTML 21Page - Analog Devices ADRF6780ACPZN-R7 Datasheet HTML 22Page - Analog Devices ADRF6780ACPZN-R7 Datasheet HTML 23Page - Analog Devices ADRF6780ACPZN-R7 Datasheet HTML 24Page - Analog Devices ADRF6780ACPZN-R7 Datasheet HTML 25Page - Analog Devices ADRF6780ACPZN-R7 Datasheet HTML 26Page - Analog Devices ADRF6780ACPZN-R7 Datasheet HTML 27Page - Analog Devices ADRF6780ACPZN-R7 Datasheet HTML 28Page - Analog Devices ADRF6780ACPZN-R7 Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 35 page
background image
Data Sheet
ADRF6780
Rev. D | Page 25 of 35
LO INPUT DRIVEN DIFFERENTIAL vs. SINGLE ENDED
This section provides performance measurements that compare
the ADRF6780 using a differential LO input vs. a single-ended
LO input. When the device uses a single-ended configuration,
LOIP drives while LOIN terminates to 50 Ω.
The subharmonic measurement compares the two settings.
The LO input was set to doubler mode (×2) at a LO frequency
of 9 GHz, and the I/Q mode was set with a 10 MHz sine wave.
Table 6 represents the output frequencies of the upper sideband,
the lower sideband, and the LO leakage at the fundamental output
as well as the subharmonic output frequency at a maximum gain.
Table 6. LO Single-Ended vs. Differential Configuration Performance
Mode
LO Input
Power (dBm)
Fundamental Output
Subharmonic Output
Wanted Upper
Sideband,
LO – I/Q (dBm)
Unwanted Lower
Sideband,
LO + I/Q (dBm)
LO Leakage
(dBm)
Unwanted Upper
Sideband,
LO/2 – I/Q (dBm)
Unwanted Lower
Sideband,
LO/2 + I/Q (dBm)
LO/2 Leakage
(dBm)
Single Ended
−10
−2.20
−28.83
−32.36
−16.26
−32.85
−36.16
−6
−2.09
−25.15
−33.22
−18.01
−35.78
−35.46
0
−1.94
−28.36
−38.08
−22.83
−42.97
−41.50
+6
−2.01
−28.36
−42.58
−20.17
−39.80
−38.08
Differential
−10
−1.84
−24.96
−43.49
−29.66
−51.54
−45.85
−6
−1.85
−27.19
−38.86
−33.18
−51.25
−47.12
0
−1.84
−29.46
−37.84
−38.04
−56.50
−58.25
+6
−1.85
−29.55
−37.70
−40.08
−58.46
−60.16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com