Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP39F511N Datasheet(PDF) 20 Page - Microchip Technology

Part # MCP39F511N
Description  Dual-Channel, Single-Phase Power-Monitoring IC with Calculation
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP39F511N Datasheet(HTML) 20 Page - Microchip Technology

Back Button MCP39F511N Datasheet HTML 16Page - Microchip Technology MCP39F511N Datasheet HTML 17Page - Microchip Technology MCP39F511N Datasheet HTML 18Page - Microchip Technology MCP39F511N Datasheet HTML 19Page - Microchip Technology MCP39F511N Datasheet HTML 20Page - Microchip Technology MCP39F511N Datasheet HTML 21Page - Microchip Technology MCP39F511N Datasheet HTML 22Page - Microchip Technology MCP39F511N Datasheet HTML 23Page - Microchip Technology MCP39F511N Datasheet HTML 24Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 61 page
background image
 2015-2018 Microchip Technology Inc.
DS20005473B-page 20
MCP39F511N
4.6.9
AUTO-CALIBRATE REACTIVE
POWER GAIN (0x7A)
The Auto-Calibrate Reactive Gain command
initiates a single-point calibration to match the
measured Reactive power to the target Reactive
power. The instruction parameter for this command
selects if you are calibrating channel 1, 2, or both. Bit 0
corresponds to channel 1 and bit 1 corresponds to
channel 2. This is typically done at PF = 0.5. See
section Section 9.0 “MCP39F511N Calibration” for
more information on device calibration.
4.6.10
AUTO-CALIBRATE FREQUENCY
(0x76)
For applications not using an external crystal and
running the MCP39F511N off the internal oscillator, a
gain calibration to the line frequency indication is
required. The Gain Line Frequency register is set such
that the frequency indication matches what is set in the
Line Frequency Reference register. See Section 9.0
“MCP39F511N Calibration” for more information on
device calibration.
4.7
Notation for Register Types
The following notation has been adopted for describing
the various registers used in the MCP39F511N:
TABLE 4-12:
SHORT-HAND NOTATION
FOR REGISTER TYPES
Notation
Description
u64
Unsigned, 64-bit register
u32
Unsigned, 32-bit register
s32
Signed, 32-bit register
u16
Unsigned, 16-bit register
s16
Signed, 16-bit register
b32
32-bit register containing discrete
Boolean bit settings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com