Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP39F511N Datasheet(PDF) 41 Page - Microchip Technology

Part # MCP39F511N
Description  Dual-Channel, Single-Phase Power-Monitoring IC with Calculation
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP39F511N Datasheet(HTML) 41 Page - Microchip Technology

Back Button MCP39F511N Datasheet HTML 37Page - Microchip Technology MCP39F511N Datasheet HTML 38Page - Microchip Technology MCP39F511N Datasheet HTML 39Page - Microchip Technology MCP39F511N Datasheet HTML 40Page - Microchip Technology MCP39F511N Datasheet HTML 41Page - Microchip Technology MCP39F511N Datasheet HTML 42Page - Microchip Technology MCP39F511N Datasheet HTML 43Page - Microchip Technology MCP39F511N Datasheet HTML 44Page - Microchip Technology MCP39F511N Datasheet HTML 45Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 61 page
background image
 2015-2018 Microchip Technology Inc.
DS20005473B-page 41
MCP39F511N
8.0
PULSE-WIDTH MODULATION
(PWM)
8.1
Overview
The PWM output pin gives up to a 10-bit resolution of a
pulse-width modulated signal. The PWM output is con-
trolled by an internal timer inside the MCP39F511N,
FTIMER described in this section, with a base frequency
of 32 MHz.
The base period is defined as PTIMER and is
1/[32 MHz]. This 32 MHz time base is fixed due to the
8 MHz internal oscillator or 8 MHz external crystal.
The output of the PWM is active only when the PWM
Control register has a value of 0x0001. The PWM out-
put is turned off when the register has a value of
0x0000.
The PWM output (see Figure 8-1) has a time base
(period) and a time that the output stays high (duty
cycle). The frequency of the PWM is the inverse of the
period (1/period).
FIGURE 8-1:
PWM Output.
There are two registers that control the PWM output,
PWM Period and PWM Duty Cycle.
The 8-bit PWM Period is controlled by a 16-bit register
that contains the period bits and also the prescaler bits.
The PWM period bits are the most significant eight bits
in the register, and the prescaler value is represented
by the two least significant bits. These two values
together create the PWM Period (see Figure 8-2).
FIGURE 8-2:
PWM Period and
Duty-Cycle Registers.
The 10-bit PWM Duty Cycle is controlled by a 16-bit
register where the eight most significant bits are the 8
MSB and the 2 LSB, corresponding to the 2 LSBs of the
10-bit value.
An example of the register’s values are shown in
Figure 8-2 with 255 for PWM Frequency (8-bit value)
and 1023 for the Duty cycle (10-bit value), with the
prescaler set to divide by 16 (1:0).
Period
Duty Cycle
Prescaler
Period
1 1 1 1
1 1 1 1
0 0 1 0
0 0 0 0
PWM Period Register
LSB
MSB
1 1 1 1
1 1 1 1
0 0 1 0
0 0 0 0
PWM duty-cycle Register
255
1023
PWM PERIOD
(8-bit)
PWM DUTY
(10-bit)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com