Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP39F511N Datasheet(PDF) 35 Page - Microchip Technology

Part # MCP39F511N
Description  Dual-Channel, Single-Phase Power-Monitoring IC with Calculation
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP39F511N Datasheet(HTML) 35 Page - Microchip Technology

Back Button MCP39F511N Datasheet HTML 31Page - Microchip Technology MCP39F511N Datasheet HTML 32Page - Microchip Technology MCP39F511N Datasheet HTML 33Page - Microchip Technology MCP39F511N Datasheet HTML 34Page - Microchip Technology MCP39F511N Datasheet HTML 35Page - Microchip Technology MCP39F511N Datasheet HTML 36Page - Microchip Technology MCP39F511N Datasheet HTML 37Page - Microchip Technology MCP39F511N Datasheet HTML 38Page - Microchip Technology MCP39F511N Datasheet HTML 39Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 61 page
background image
 2015-2018 Microchip Technology Inc.
DS20005473B-page 35
MCP39F511N
6.6
Range Registers
The range registers are 32-bit registers that contain the
number of right-bit shifts for the following outputs,
divided into separate bytes defined below across the
two registers:
• RMS Voltage
• RMS Current, Channel 1
• Power, Channel 1
• RMS Current, Channel 2
• Power, Channel 2
Note that the Power Range byte operates across both
the active and reactive output registers and sets the
same scale.
The purpose of this register is two-fold: the number of
right-bit shifting (division by 2RANGE) must be:
• high enough to prevent overflow in the output
register
• low enough to allow for the desired output
resolution.
It is the user’s responsibility to set this register correctly
to ensure proper output operation for a given meter
design.
For further information and example usage, see
Section 9.3 “Single-Point Gain Calibrations at
Unity Power Factor”.
REGISTER 6-3:
RANGE1 REGISTER
U-0
U-0
U-0
U-0
U-0
U-0
U-0
U-0
—
—
—
—
—
—
—
—
bit 31
bit 24
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
POWER1[7] POWER1[6] POWER1[5] POWER1[4] POWER1[3] POWER1[2] POWER1[1] POWER1[0]
bit 23
bit 16
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
CUR-
RENT1[7]
CUR-
RENT1[6]
CUR-
RENT1[5]
CUR-
RENT1[4]
CUR-
RENT1[3]
CUR-
RENT1[2]
CUR-
RENT1[1]
CUR-
RENT[0]
bit 15
bit 8
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
VOLTAGE[7] VOLTAGE[6] VOLTAGE[5] VOLTAGE[4] VOLTAGE[3] VOLTAGE[2] VOLTAGE[1] VOLTAGE[0]
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 31-24
Unimplemented: Read as ‘0‘
bit 23-16
POWER1[7:0]: Sets the number of right-bit shifts for the Active and Reactive Power output registers,
channel 1.
bit 15-8
CURRENT1[7:0]: Sets the number of right-bit shifts for the Current RMS output register, channel 1.
bit 7-0
VOLTAGE[7:0]: Sets the number of right-bit shifts for the Voltage RMS output register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com