Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP39F511N Datasheet(PDF) 17 Page - Microchip Technology

Part # MCP39F511N
Description  Dual-Channel, Single-Phase Power-Monitoring IC with Calculation
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP39F511N Datasheet(HTML) 17 Page - Microchip Technology

Back Button MCP39F511N Datasheet HTML 13Page - Microchip Technology MCP39F511N Datasheet HTML 14Page - Microchip Technology MCP39F511N Datasheet HTML 15Page - Microchip Technology MCP39F511N Datasheet HTML 16Page - Microchip Technology MCP39F511N Datasheet HTML 17Page - Microchip Technology MCP39F511N Datasheet HTML 18Page - Microchip Technology MCP39F511N Datasheet HTML 19Page - Microchip Technology MCP39F511N Datasheet HTML 20Page - Microchip Technology MCP39F511N Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 61 page
background image
 2015-2018 Microchip Technology Inc.
DS20005473B-page 17
MCP39F511N
TABLE 4-3:
REGISTER WRITE, N- BYTES COMMAND (Note 1)
Byte #
Value
Description
Response from MCP39F511N
1
0xA5
Header Byte
2
0x17
Number of Bytes in Frame (23)
30x41
Command (Set Address Pointer)
4
0x00
Address High
5
0xB1
Address Low
60x4D
Command (Register Write, N Bytes)
7
0x0F
Number of Bytes to Write (15)
8-22
*Data*
Data Bytes (15 total data bytes)
23
Checksum
Checksum
ACK
Note 1: This Register Write, N Bytes frame, as shown here, is writing channel 1 range and calibration target
values, starting at address 0xB1 (the second byte in the Channel 1 Range register) and then writing 15
bytes of data to consecutive addresses to complete the setup of channel 1 registers prior to calibration.
Note these are not the calibration registers, but the calibration targets which need to be written prior to
issuing the auto-calibration target commands. See Section 9.0 “MCP39F511N Calibration” for more
information.
TABLE 4-4:
SET ADDRESS POINTER COMMAND (Note 1)
Byte #
Value
Description
Response from MCP39F511N
1
0xA5
Header Byte
2
0x06
Number of Bytes in Frame
3
0x41
Command (Set Address Pointer)
40x00
Address High
5
0x02
Address Low
6
0xEE
Checksum
ACK
Note 1: The Set Address Pointer command is typically included inside of a frame that includes a read or write
command, as shown in Tables 4-2 and 4-3. There is typically no reason for this command to have its own
frame, but is shown here as an example.
TABLE 4-5:
SAVE TO FLASH COMMAND
Byte #
Value
Description
Response from MCP39F511N
1
0xA5
Header Byte
2
0x04
Number of Bytes in Frame
3
0x53
Command (Save To Flash)
4
0xFC
Checksum
ACK
TABLE 4-6:
PAGE READ EEPROM COMMAND
Byte #
Value
Description
Response from MCP39F511N
1
0xA5
Header Byte
2
0x05
Number of Bytes in Frame
3
0x42
Command (Page Read EEPROM)
4
0x01
Page Number (e.g. 1)
5
0xED
Checksum
ACK + EEPROM Page Data + Checksum



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com