Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP39F511N Datasheet(PDF) 13 Page - Microchip Technology

Part # MCP39F511N
Description  Dual-Channel, Single-Phase Power-Monitoring IC with Calculation
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP39F511N Datasheet(HTML) 13 Page - Microchip Technology

Back Button MCP39F511N Datasheet HTML 9Page - Microchip Technology MCP39F511N Datasheet HTML 10Page - Microchip Technology MCP39F511N Datasheet HTML 11Page - Microchip Technology MCP39F511N Datasheet HTML 12Page - Microchip Technology MCP39F511N Datasheet HTML 13Page - Microchip Technology MCP39F511N Datasheet HTML 14Page - Microchip Technology MCP39F511N Datasheet HTML 15Page - Microchip Technology MCP39F511N Datasheet HTML 16Page - Microchip Technology MCP39F511N Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 61 page
background image
 2015-2018 Microchip Technology Inc.
DS20005473B-page 13
MCP39F511N
3.14
Digital Ground Connection Pins
(DGND)
DGND is the ground connection to internal digital
circuitry (SINC filters, oscillator, serial interface). If a
digital ground plane is available, it is recommended to
tie this pin to the digital plane of the PCB. This plane
should also reference all other digital circuitry
components in the system.
3.15
Digital Power Supply Pin (DVDD)
DVDD is the power supply pin for the digital circuitry
within the MCP39F511N. This pin requires appropriate
bypass capacitors and should be maintained between
2.7V and 3.6V for specified operations. It is
recommended to use 0.1 µF ceramic capacitors.
3.16
Data Ready Pin (DR)
The Data Ready pin indicates if a new Delta-Sigma A/D
conversion result is ready to be processed. This pin is
for indication only and should be left floating. After each
conversion is finished, a low pulse will take place on the
Data Ready pin to indicate the conversion result is
ready and an interrupt is generated in the calculation
engine (CE). This pulse is synchronous with the line
frequency to ensure an integer number of samples for
each line cycle.
3.17
Exposed Thermal Pad (EP)
This pin is the exposed thermal pad. It must be
connected to DGND.
Note:
This pin is internally connected to the IRQ
of the calculation engine and should be
left floating.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com