Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP39F511N Datasheet(PDF) 28 Page - Microchip Technology

Part # MCP39F511N
Description  Dual-Channel, Single-Phase Power-Monitoring IC with Calculation
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP39F511N Datasheet(HTML) 28 Page - Microchip Technology

Back Button MCP39F511N Datasheet HTML 24Page - Microchip Technology MCP39F511N Datasheet HTML 25Page - Microchip Technology MCP39F511N Datasheet HTML 26Page - Microchip Technology MCP39F511N Datasheet HTML 27Page - Microchip Technology MCP39F511N Datasheet HTML 28Page - Microchip Technology MCP39F511N Datasheet HTML 29Page - Microchip Technology MCP39F511N Datasheet HTML 30Page - Microchip Technology MCP39F511N Datasheet HTML 31Page - Microchip Technology MCP39F511N Datasheet HTML 32Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 61 page
background image
 2015-2018 Microchip Technology Inc.
DS20005473B-page 28
MCP39F511N
0x0076 Gain Active Power1
5.7
R/W
u16
Gain Calibration Factor for Active Power,
channel 1
0x0078 Gain Active Power2
5.7
R/W
u16
Gain Calibration Factor for Active Power,
channel 2
0x007A Gain Reactive Power1
5.9
R/W
u16
Gain Calibration Factor for Reactive Power,
channel 1
0x007C Gain Reactive Power2
5.9
R/W
u16
Gain Calibration Factor for Reactive Power,
channel 2
0x007E Gain Line Frequency
5.1.1
R/W
u16
Gain Calibration Factor for the Line
Frequency
0x0080 Offset Current RMS1
5.4
R/W
s32
Offset Calibration Factor for RMS Current,
channel 1
0x0084 Offset Current RMS2
5.4
R/W
s32
Offset Calibration Factor for RMS Current,
channel 2
0x0088 Offset Active Power1
5.7
R/W
s32
Offset Calibration Factor for Active Power,
channel 1
0x008C Offset Active Power2
5.7
R/W
s32
Offset Calibration Factor for Active Power,
channel 2
0x0090 Offset Reactive Power1
5.9
R/W
s32
Offset Calibration Factor for Reactive Power,
channel 1
0x0094 Offset Reactive Power2
5.9
R/W
s32
Offset Calibration Factor for Reactive Power,
channel 2
0x0098 Phase Compensation1
5.3
R/W
s16
Phase Compensation, channel 1
0x009A Phase Compensation2
5.3
R/W
s16
Phase Compensation, channel 2
0x009C Apparent Power Divisor1
5.4.2
R/W
u16
Number of Digits for apparent power divisor
to match IRMS and VRMS resolution,
channel 1
0x009E Apparent Power Divisor2
5.4.2
R/W
u16
Number of Digits for apparent power divisor
to match IRMS and VRMS resolution,
channel 2
Design Configuration Registers
0x00A0 System Configuration
6.5
R/W
b32
Control for device configuration, including
ADC configuration
0x00A4 Event Configuration
7.5
R/W
b32
Settings for the Event pins including Relay
Control
0x00A8 Accumulation Interval
Parameter
5.2
R/W
u16
N for 2N number of line cycles to be used
during a single computation cycle
0x00AA Calibration Voltage
9.3.1
R/W
u16
Target Voltage to be used during single-point
calibration
0x00AC Calibration Line Frequency
9.6.1
R/W
u16
Reference Value for the nominal line
frequency
0x00AE Range1
6.6
R/W
b32
Scaling factor for Outputs, channel 1
0x00B2 Calibration Current1
9.3.1
R/W
u32
Target Current to be used during single-point
calibration, channel 1
0x00B6 Calibration Power Active1
9.3.1
R/W
u32
Target Active Power to be used during
single-point calibration, channel 1
0x00BA Calibration Power Reactive1
9.3.1
R/W
u32
Target Active Power to be used during
single-point calibration, channel 1
0x00BE Range2
6.6
R/W
b32
Scaling factor for Outputs, channel 2
TABLE 6-1:
MCP39F511N REGISTER MAP (CONTINUED)
Address
Register Name
Section
Number
Read/
Write
Data
type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com