Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP39F511N Datasheet(PDF) 12 Page - Microchip Technology

Part # MCP39F511N
Description  Dual-Channel, Single-Phase Power-Monitoring IC with Calculation
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP39F511N Datasheet(HTML) 12 Page - Microchip Technology

Back Button MCP39F511N Datasheet HTML 8Page - Microchip Technology MCP39F511N Datasheet HTML 9Page - Microchip Technology MCP39F511N Datasheet HTML 10Page - Microchip Technology MCP39F511N Datasheet HTML 11Page - Microchip Technology MCP39F511N Datasheet HTML 12Page - Microchip Technology MCP39F511N Datasheet HTML 13Page - Microchip Technology MCP39F511N Datasheet HTML 14Page - Microchip Technology MCP39F511N Datasheet HTML 15Page - Microchip Technology MCP39F511N Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 61 page
background image
 2015-2018 Microchip Technology Inc.
DS20005473B-page 12
MCP39F511N
3.1
Event Output Pins (EVENTn)
These digital output pins can be configured to act as
output flags based on various internal raise conditions.
Control is modified through the Event Configuration
register.
3.2
UART Communication Pins
(UART_RX, UART_TX)
The MCP39F511N device contains an asynchronous
full-duplex UART. The UART communication is eight
bits with the Start and Stop bits. See Section 4.3
“UART Settings” for more information.
3.3
Common Pins (COMMON A and B)
The COMMONA and COMMONB pins are internal
connections for the MCP39F511N. These two pins
should be connected together in the application.
3.4
Oscillator Pins (OSCI/OSCO)
OSCI and OSCO provide the master clock for the
device. Appropriate load capacitance should be
connected to these pins for proper operation. An
optional 8 MHz crystal can be connected to these pins.
If a crystal or external clock source is not detected, the
device will clock from the internal 8 MHz oscillator.
3.5
Reset Pin (RESET)
This pin is active-low and places the Delta-Sigma
ADCs, PGA, internal VREF and other blocks associated
with the analog front-end in a Reset state when pulled
low. This input is Schmitt-triggered.
3.6
Master Clear Pin (MCLR)
This pin places the SAR, ADC, Calculation Engine,
UART serial interface and digital outputs in a Reset
state when pulled low. This input is Schmitt-triggered.
3.7
Analog Power Supply Pin (AVDD)
AVDD is the power supply pin for the analog circuitry
within the MCP39F511N.
This pin requires appropriate bypass capacitors and
should be maintained to 2.7V and 3.6V for specified
operation. It is recommended to use 0.1 µF ceramic
capacitors.
3.8
Pulse-Width Modulator (PWM)
This digital output is a dedicated PWM output that can
be controlled through the PWM Frequency and PWM
Duty-Cycle Registers. See Section 8.0 “Pulse-Width
modulation (PWM)” for more information.
3.9
24-Bit Delta-Sigma ADC
Differential Current Channel
Input Pins (I1+/I1-/I2+/I2-)
(I1-, I1+), (I2-, I2+) are the two fully-differential
current-channel pair inputs for the Delta-Sigma ADCs.
The linear and specified region of the channels are
dependent on the PGA gain. This region corresponds
to a differential voltage range of ±600 mVPEAK/GAIN
with VREF =1.2V.
The maximum absolute voltage, with respect to AGND,
for each In+/- input pin is ±1V with no distortion and
±2V with no breaking after continuous voltage.
3.10
Voltage Analog Input (V+)
This is the non-inverting input to the SAR ADC for
voltage measurement input. This input is used as the
voltage measurement for both channel 1 and channel
2. A DC offset of DVDD/2 and no more than 1 VRMS AC
input signal should be applied on the pin as shown in
the typical application schematic.
3.11
Analog Ground Pin (AGND)
AGND is the ground connection to internal analog
circuitry (ADCs, PGA, voltage reference, POR). If an
analog ground pin is available on the PCB, it is
recommended that this pin be tied to that plane.
3.12
Zero Crossing Detection (ZCD)
This digital output pin is the output of the zero crossing
detection circuit of the IC. The output here will be a
logic output with edges that transition at each zero
crossing of the voltage channel input. For more
information
see
Section 5.10
“Zero
Crossing
Detection (ZCD)”.
3.13
Non-Inverting Reference
Input/Internal Reference Output
Pin (REFIN+/OUT)
This pin is the non-inverting side of the differential
voltage reference input for the Delta-Sigma ADCs or
the internal voltage reference output.
For optimal performance, bypass capacitances should
be connected between this pin and AGND at all times,
even when the internal voltage reference is used.
However, these capacitors are not mandatory to
ensure proper operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com