Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP39F511N Datasheet(PDF) 27 Page - Microchip Technology

Part # MCP39F511N
Description  Dual-Channel, Single-Phase Power-Monitoring IC with Calculation
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP39F511N Datasheet(HTML) 27 Page - Microchip Technology

Back Button MCP39F511N Datasheet HTML 23Page - Microchip Technology MCP39F511N Datasheet HTML 24Page - Microchip Technology MCP39F511N Datasheet HTML 25Page - Microchip Technology MCP39F511N Datasheet HTML 26Page - Microchip Technology MCP39F511N Datasheet HTML 27Page - Microchip Technology MCP39F511N Datasheet HTML 28Page - Microchip Technology MCP39F511N Datasheet HTML 29Page - Microchip Technology MCP39F511N Datasheet HTML 30Page - Microchip Technology MCP39F511N Datasheet HTML 31Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 61 page
background image
 2015-2018 Microchip Technology Inc.
DS20005473B-page 27
MCP39F511N
6.0
REGISTER DESCRIPTIONS
6.1
Complete Register Map
The following table describes the registers for the MCP39F511N device.
TABLE 6-1:
MCP39F511N REGISTER MAP
Address
Register Name
Section
Number
Read/
Write
Data
type
Description
Output Registers
0x0000 Instruction Pointer
6.2
R
u16
Address pointer for read or write commands
0x0002 System Status
6.3
R
b16
System Status Register
0x0004 System Version
6.4
R
u16
System version date code information for
MCP39F511N, set at the Microchip factory;
format YMDD
0x0006 Voltage RMS
5.4
R
u16
RMS Voltage output
0x0008 Line Frequency
5.1.1
R
u16
Line Frequency output
0x000A Power Factor1
5.8
R
s16
Power Factor output from channel 1
0x000C Power Factor2
5.8
R
s16
Power Factor output from channel 2
0x000E Current RMS1
5.4
R
u32
RMS Current output from channel 1
0x0012 Current RMS2
5.4
R
u32
RMS Current output from channel 2
0x0016 Active Power1
5.7
R
u32
Active Power output from channel 1
0x001A Active Power2
5.7
R
u32
Active Power output from channel 2
0x001E Reactive Power1
5.9
R
u32
Reactive Power output from channel 1
0x0022 Reactive Power2
5.9
R
u32
Reactive Power output from channel 2
0x0026 Apparent Power1
5.4
R
u32
Apparent Power output from channel 1
0x002A Apparent Power2
5.4
R
u32
Apparent Power output from channel 2
0x002E Import Energy Active
Counter 1
5.6
R
u64
Accumulator for Active Energy, Import,
channel 1
0x0036 Import Energy Active
Counter 2
5.6
R
u64
Accumulator for Active Energy, Import,
channel 2
0x003E Export Energy Active
Counter 1
5.6
R
u64
Accumulator for Active Energy, Export,
channel 1
0x0046 Export Energy Active
Counter 2
5.6
R
u64
Accumulator for Active Energy, Export,
channel 2
0x004E Import Energy Reactive
Counter 1
5.6
R
u64
Accumulator for Reactive Energy, Import,
channel 1
0x0056 Import Energy Reactive
Counter 2
5.6
R
u64
Accumulator for Reactive Energy, Import,
channel 2
0x005E Export Energy Reactive
Counter 1
5.6
R
u64
Accumulator for Reactive Energy, Export
channel 1
0x0066 Export Energy Reactive
Counter 2
5.6
R
u64
Accumulator for Reactive Energy, Export,
channel 2
Calibration Registers
0x006E Calibration Registers Delimiter
9.7
R/W
u16
May be used to initiate loading of the default
factory calibration coefficients at start-up
0x0070 Gain Current RMS1
5.4
R/W
u16
Gain Calibration Factor for RMS Current
channel 1
0x0072 Gain Current RMS2
5.4
R/W
u16
Gain Calibration Factor for RMS Current
channel 2
0x0074 Gain Voltage RMS
5.4
R/W
u16
Gain Calibration Factor for RMS Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com