Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP39F511N Datasheet(PDF) 21 Page - Microchip Technology

Part # MCP39F511N
Description  Dual-Channel, Single-Phase Power-Monitoring IC with Calculation
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP39F511N Datasheet(HTML) 21 Page - Microchip Technology

Back Button MCP39F511N Datasheet HTML 17Page - Microchip Technology MCP39F511N Datasheet HTML 18Page - Microchip Technology MCP39F511N Datasheet HTML 19Page - Microchip Technology MCP39F511N Datasheet HTML 20Page - Microchip Technology MCP39F511N Datasheet HTML 21Page - Microchip Technology MCP39F511N Datasheet HTML 22Page - Microchip Technology MCP39F511N Datasheet HTML 23Page - Microchip Technology MCP39F511N Datasheet HTML 24Page - Microchip Technology MCP39F511N Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 61 page
background image
 2015-2018 Microchip Technology Inc.
DS20005473B-page 21
MCP39F511N
5.0
CALCULATION ENGINE (CE)
DESCRIPTION
5.1
Computation Cycle Overview
The MCP39F511N uses a coherent sampling algorithm
to phase lock the sampling rate to the line frequency on
the voltage channel input with an integer number of
samples per line cycle, and reports all power output
quantities at a 2N number of line cycles. This is defined
as a computation cycle and is dependent on the line
frequency, so any change in the line frequency will
change the update rate of the power outputs.
There are two separate computation paths, using two
currents from two separate channels (channel 1 and
channel 2) referenced below as IN and V. Therefore
each current, power, and energy output is duplicated,
one for each calculation channel.
In addition, there are duplicate calibration registers
(offset, gain, phase, etc.) for each calculation channel.
5.1.1
LINE FREQUENCY
The coherent sampling algorithm is also used to
calculate the Line Frequency Output register, which is
updated every computation cycle. The correction factor
for line frequency measurement is the Gain Line
Frequency register, which is used during the line
frequency calibration (see section Section 9.6.1
“Using
the
Auto-Calibrate
Frequency
Command”. Note that the resolution of the Line
Frequency Output register is fixed, and the resolution is
1mHz.
5.2
Accumulation Interval Parameter
The accumulation interval is defined as a 2N number of
line cycles, where N is the value in the Accumulation
Interval Parameter register. This is identical for both
calculation channels.
5.3
Raw Voltage and Currents Signal
Conditioning
The first set of signal conditioning that occurs inside the
MCP39F511N is shown in Figure 5-1. All conditions set
in this diagram affect all of the output registers (RMS
current, RMS voltage, Active power, Reactive power,
apparent power, etc.). The gain of the PGA, the
Shutdown and Reset status of the 24-bit ADCs are all
controlled through the System Configuration Register.
To compensate for any external phase error between
the current and voltage channels, the Phase
Compensation register can be used.
See Section 9.0 “MCP39F511N Calibration” for
more information on device calibration.
FIGURE 5-1:
Channels 1 or 2 (IN and V) Input-Signal Flow.
CHANNEL IN
24-bit
 ADC
Multi-Level
Modulator
+
+
CHANNEL V
10-bit SAR ADC
HPF (1)
PhaseCompensation1:s16
HPF (1)
+
-
PGA
IN+
IN-
V+
SystemConfiguration:b32
iN
v
Note
1:
High-Pass Filters (HPFs) are automatically disabled in the absence of an AC signal on the voltage channel.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com