Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP39F511N Datasheet(PDF) 49 Page - Microchip Technology

Part # MCP39F511N
Description  Dual-Channel, Single-Phase Power-Monitoring IC with Calculation
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP39F511N Datasheet(HTML) 49 Page - Microchip Technology

Back Button MCP39F511N Datasheet HTML 45Page - Microchip Technology MCP39F511N Datasheet HTML 46Page - Microchip Technology MCP39F511N Datasheet HTML 47Page - Microchip Technology MCP39F511N Datasheet HTML 48Page - Microchip Technology MCP39F511N Datasheet HTML 49Page - Microchip Technology MCP39F511N Datasheet HTML 50Page - Microchip Technology MCP39F511N Datasheet HTML 51Page - Microchip Technology MCP39F511N Datasheet HTML 52Page - Microchip Technology MCP39F511N Datasheet HTML 53Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 61 page
background image
 2015-2018 Microchip Technology Inc.
DS20005473B-page 49
MCP39F511N
9.6
Calibrating the Line Frequency
Register
The Line Frequency register contains a 16-bit number
with a value equivalent to the input-line frequency as it
is measured on the voltage channel.
The measurement of the line frequency is only valid
from 45 to 65 Hz.
9.6.1
USING THE AUTO-CALIBRATE
FREQUENCY COMMAND
By applying a stable reference voltage with a constant
line frequency that is equivalent to the value that
resides in the LineFrequencyRef register, the
Auto-Calibrate Frequency
command can then
be issued to the device.
After a successful calibration (response = ACK), a
Save Registers to Flash
command can then be
issued to save the calibration constants calculated by
the device.
The
following
register
is
set
when
the
Auto-Calibrate Frequency
command is issued:
• Gain Line Frequency
The formula used to calculate the new gain is shown in
Equation 9-1.
9.7
Retrieving Factory-Default
Calibration Values
After user calibration and a Save to Flash command
has been issued, it is possible to retrieve the
factory-default calibration values. This can be done by
writing 0xA5A5 to the Calibration Delimiter register,
issuing a Save to Flash, and then resetting the part.
This
procedure
will
retrieve
all
factory
default-calibration values and will remain in this state
until calibration has been performed again, and a Save
to Flash
command has been issued.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com