Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP39F511N Datasheet(PDF) 31 Page - Microchip Technology

Part # MCP39F511N
Description  Dual-Channel, Single-Phase Power-Monitoring IC with Calculation
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP39F511N Datasheet(HTML) 31 Page - Microchip Technology

Back Button MCP39F511N Datasheet HTML 27Page - Microchip Technology MCP39F511N Datasheet HTML 28Page - Microchip Technology MCP39F511N Datasheet HTML 29Page - Microchip Technology MCP39F511N Datasheet HTML 30Page - Microchip Technology MCP39F511N Datasheet HTML 31Page - Microchip Technology MCP39F511N Datasheet HTML 32Page - Microchip Technology MCP39F511N Datasheet HTML 33Page - Microchip Technology MCP39F511N Datasheet HTML 34Page - Microchip Technology MCP39F511N Datasheet HTML 35Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 61 page
background image
 2015-2018 Microchip Technology Inc.
DS20005473B-page 31
MCP39F511N
6.4
System Version Register
The System Version register is hard-coded by
Microchip Technology Incorporated and contains
calculation-engine date-code information. The System
Version register is a date code in the YMDD format, with
year and month in hex, day in decimal (e.g. 0xFB20 =
2015, Nov. 20th).
6.5
System Configuration Register
The System Configuration register contains bits for the
following control:
• PGA setting
• ADC Reset State
• ADC Shutdown State
• Voltage Reference Trim
• Single Wire Auto-Transmission
These options are described in the following sections.
6.5.1
PROGRAMMABLE GAIN
AMPLIFIERS (PGA)
The two Programmable Gain Amplifiers (PGAs) reside
at the front-end of each 24-bit Delta-Sigma ADC. They
have two functions:
• translate the common mode of the input from
AGND to an internal level between AGND and AVDD
• amplify the input differential signal
The translation of the common mode does not change
the differential signal, but enters the common mode so
that the input signal can be properly amplified.
The PGA block can be used to amplify very low signals,
but the differential input range of the Delta-Sigma
modulator must not be exceeded. The PGA is
controlled by the PGA_CHn<2:0> bits in Register 6-2:
the
System
Configuration
register.
Table 6-2
represents the gain settings for the PGAs.
bit 5
SIGN_PR_CH1: Sign of Reactive Power Channel 1 (inductive/capacitive state of the reactive power)
1
= Reactive Power is inductive and is in quadrants 1,2
0
= Reactive Power is capacitive and is in quadrants 3,4
bit 4
SIGN_PA_CH1: Sign of Active Power Channel 1 (import/export sign of active power)
1
= Active Power is positive (import) and is in quadrants 1,4
0
= Active Power is negative (export) and is in quadrants 2,3
bit 3
OVERPOW1: Over Power, channel 1. An over power event has occurred on channel 1.
1
= Over Power threshold has been broken
0
= Over Power threshold has not been broken
bit 2
OVERCURR1: Over Current, channel 1. An over current event has occurred on channel 1.
1
= Over current threshold has been broken
0
= Over current threshold has not been broken
bit 1
VSURGE: Voltage Surge. State of Voltage Surge Detection algorithm. This bit is latched and must be
cleared
1
= Surge threshold has been broken
0
= Surge threshold has not been broken
bit 0
VSAG: Voltage Sag.State of Voltage Sag Detection algorithm. This bit is latched and must be cleared
1
= Sag threshold has been broken
0
= Sag threshold has not been broken
REGISTER 6-1:
SYSTEM STATUS REGISTER (CONTINUED)
TABLE 6-2:
PGA CONFIGURATION
SETTING (Note 1)
Gain
PGA_CHn<2:0>
Gain
(V/V)
Gain
(dB)
VIN Range
(V)
00
0
10
±0.6
00
1
26
±0.3
01
0
412
±0.15
01
1
818
±0.075
10
0
16
24
±0.0375
10
1
32
30
±0.01875
Note 1: This table is defined with VREF = 1.2V.
The two undefined settings, 110 and 111
are G = 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com