Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP39F511N Datasheet(PDF) 22 Page - Microchip Technology

Part # MCP39F511N
Description  Dual-Channel, Single-Phase Power-Monitoring IC with Calculation
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP39F511N Datasheet(HTML) 22 Page - Microchip Technology

Back Button MCP39F511N Datasheet HTML 18Page - Microchip Technology MCP39F511N Datasheet HTML 19Page - Microchip Technology MCP39F511N Datasheet HTML 20Page - Microchip Technology MCP39F511N Datasheet HTML 21Page - Microchip Technology MCP39F511N Datasheet HTML 22Page - Microchip Technology MCP39F511N Datasheet HTML 23Page - Microchip Technology MCP39F511N Datasheet HTML 24Page - Microchip Technology MCP39F511N Datasheet HTML 25Page - Microchip Technology MCP39F511N Datasheet HTML 26Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 61 page
background image
 2015-2018 Microchip Technology Inc.
DS20005473B-page 22
MCP39F511N
5.4
RMS Current, RMS Voltage and
Apparent Power (S)
The MCP39F511N device provides true RMS
measurements. The MCP39F511N device has two
simultaneous sampling 24-bit A/D converters for the
current measurements. The root mean square
calculations are performed on 2N current and voltage
samples, where N is defined by the register
Accumulation Interval Parameter.
EQUATION 5-1:
RMS CURRENT AND
VOLTAGE
FIGURE 5-2:
RMS Current (Channel 1 or 2), Apparent Power (Channel 1 and 2) and Voltage
Calculation Signal Flow.
5.4.1
APPARENT POWER (S)
This 32-bit register is the output register for the final
apparent power indication. It is the product of RMS
current and RMS voltage as shown in Equation 5-2.
EQUATION 5-2:
APPARENT POWER (S)
5.4.2
APPARENT POWER DIVISOR
DIGITS
The
registers
AppPowerDivisorDigits1
and
AppPowerDivisorDigits2 are configurable by the user
depending on the precision of the RMS indications and
the
desired
precision
for ApparentPower1
or
ApparentPower2.
Because AppPowerDivisorDigits registers can be
higher than 4, it may result in a 32-bit divisor. To
improve the speed of this part of the calculation engine,
a method that uses only multiplications and right-bit
shifts was implemented. Therefore the following
equation applies:
EQUATION 5-3:
APPARENT POWER (S)
I
RMS
i
n

2
n0
=
2
N
1
–
2
N
-----------------------------
=
V
RMS
v
n

2
n0
=
2
N
1
–
2
N
------------------------------
=
OffsetCurrentRMS1,2:s32
X
CurrentRMS1,2:u32
+
+
Range:b32
X
÷2RANGE
VoltageRMS:u16
Range:b32
X
ApparentPower1,2:u32
iN
v
ACCU
0
2N-1
÷ 2N
ACCU
0
2N
-1
÷ 2N
GainCurrentRMS1,2:u16
X
X
GainVoltageRMS:u16
÷2RANGE
SI
RMS
V
RMS
=
ApparentPower
I
RMS
V
RMS
AppPowerDivisorDigits
10
---------------------------------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com