Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP39F511N Datasheet(PDF) 45 Page - Microchip Technology

Part # MCP39F511N
Description  Dual-Channel, Single-Phase Power-Monitoring IC with Calculation
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP39F511N Datasheet(HTML) 45 Page - Microchip Technology

Back Button MCP39F511N Datasheet HTML 41Page - Microchip Technology MCP39F511N Datasheet HTML 42Page - Microchip Technology MCP39F511N Datasheet HTML 43Page - Microchip Technology MCP39F511N Datasheet HTML 44Page - Microchip Technology MCP39F511N Datasheet HTML 45Page - Microchip Technology MCP39F511N Datasheet HTML 46Page - Microchip Technology MCP39F511N Datasheet HTML 47Page - Microchip Technology MCP39F511N Datasheet HTML 48Page - Microchip Technology MCP39F511N Datasheet HTML 49Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 61 page
background image
 2015-2018 Microchip Technology Inc.
DS20005473B-page 45
MCP39F511N
9.0
MCP39F511N CALIBRATION
9.1
Overview
Calibration
compensates
for ADC
gain
error,
component tolerances and overall noise in the system.
The device provides an on-chip calibration algorithm
that allows simple system calibration to be performed
quickly. The excellent analog performance of the A/D
converters on the MCP39F511N allows for a
single-point calibration and a single calibration
command to achieve accurate measurements.
Calibration can be done by either using the predefined
auto-calibration commands, or by writing directly to the
calibration registers. If additional calibration points are
required (AC offset, Phase Compensation, DC offset),
the corresponding calibration registers are available to
the user and will be described separately in this
section.
9.2
Calibration Order
The proper steps for calibration need to be maintained.
If the device runs on the internal oscillator, the line
frequency should be calibrated first using the
Auto-Calibrate Frequency
command.
The single-point Gain Calibration at Unity Power Factor
should be performed next. This can be done for an
individual channel or for both channels at the same
time, depending on the user’s calibration setup.
If non-unity displacement power factor measurements
are a concern, then the next step should be Phase
calibration followed by Reactive power gain calibration.
Here is a summary on the order of calibration steps:
1.
Line Frequency Calibration
2.
Gain Calibration at PF = 1 for a single channel
or both
3.
Phase Calibration at PF
 1 for a single channel
or both (optional)
4.
Reactive Gain Calibration at PF
 1 for a single
channel or both (optional)
If calibrating a single channel at a time, repeat steps
2-4 for the second channel.
9.3
Single-Point Gain Calibrations at
Unity Power Factor
When using the device in AC mode with the high-pass
filters turned on, most offset errors are removed and
only a single-point gain calibration is required.
Setting the gain registers to properly produce the
desired outputs can be done manually by writing to the
appropriate register. The alternative method is to use
the auto-calibration commands described in this
section.
9.3.1
USING THE AUTO-CALIBRATION
GAIN COMMAND
By applying stable reference voltages and currents that
are equivalent to the values that reside in the target
Calibration Current, Calibration Voltage and Calibration
Active Power registers, the Auto-Calibration
Gain
command can then be issued to the device.
After a successful calibration (response = ACK), a
Save Registers to Flash
command can then be
issued to save the calibration constants calculated by
the device.
The
following
registers
are
set
when
the
Auto-Calibration Gain
command is issued:
• Gain Current RMS Channel 1
• Gain Current RMS Channel 2
• Gain Voltage RMS
• Gain Active Power Channel 1
• Gain Active Power Channel 2
The channels can be calibrated individually or simulta-
neously depending on the instruction parameter byte
following the command byte.
When this command is issued, the MCP39F511N
attempts to match the expected values to the mea-
sured values for all three output quantities by changing
the gain register based on the following formula:
EQUATION 9-1:
The same formula applies for Voltage RMS,
Current RMS and Active power. Since the gain
registers for all three quantities are 16-bit numbers,
the ratio of the expected value to the measured value
(which can be modified by changing the Range
register) and the previous gain must be such that the
equation yields a valid number. Here the limits are set
to be from 25,000 to 65,535. A new gain within this
range for all three limits will return an ACK for a
successful calibration, otherwise the command returns
a NAK for a failed calibration attempt.
It is the user’s responsibility to ensure that the proper
range settings, PGA settings and hardware design
settings are correct to allow for successful calibration
using this command.
GAIN
NEW
GAIN
OLD
Expected
Measured
--------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com