Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP39F511N Datasheet(PDF) 39 Page - Microchip Technology

Part # MCP39F511N
Description  Dual-Channel, Single-Phase Power-Monitoring IC with Calculation
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP39F511N Datasheet(HTML) 39 Page - Microchip Technology

Back Button MCP39F511N Datasheet HTML 35Page - Microchip Technology MCP39F511N Datasheet HTML 36Page - Microchip Technology MCP39F511N Datasheet HTML 37Page - Microchip Technology MCP39F511N Datasheet HTML 38Page - Microchip Technology MCP39F511N Datasheet HTML 39Page - Microchip Technology MCP39F511N Datasheet HTML 40Page - Microchip Technology MCP39F511N Datasheet HTML 41Page - Microchip Technology MCP39F511N Datasheet HTML 42Page - Microchip Technology MCP39F511N Datasheet HTML 43Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 61 page
background image
 2015-2018 Microchip Technology Inc.
DS20005473B-page 39
MCP39F511N
bit 24
CAL_LF: Single-Point Calibration Result for Line Frequency
1 = Calibration Failed
0 = Calibration Successful
bit 23
OVERPOW_PIN2: Event pin 2 operation for the Over Power event
1 = Event mapped to Event pin 2 only
0 = Event not mapped to a pin (Default)
bit 22
OVERCUR_PIN2: Event pin 2 operation for the Over Current event
1 = Event mapped to Event pin 2 only
0 = Event not mapped to a pin (Default)
bit 21
VSURGE_PIN2: Event pin 2 operation for the Voltage Surge event
1 = Event mapped to Event pin 2 only
0 = Event not mapped to a pin (Default)
bit 20
VSAG_PIN2: Event pin 2 operation for the Voltage Sag event
1 = Event mapped to Event pin 2 only
0 = Event not mapped to a pin (Default)
bit 19
OVERPOW_PIN1: Event pin 1 operation for the Over Power event
1 = Event mapped to Event pin 1 only
0 = Event not mapped to a pin (Default)
bit 18
OVERCUR_PIN1: Event pin 1 operation for the Over Current event
1 = Event mapped to Event pin 1 only
0 = Event not mapped to a pin (Default)
bit 17
VSURGE_PIN1: Event pin 1 operation for the Voltage Surge event
1 = Event mapped to Event pin 1 only
0 = Event not mapped to a pin (Default)
bit 16
VSAG_PIN1: Event pin 1 operation for the Voltage Sag event
1 = Event mapped to Event pin 1 only
0 = Event not mapped to a pin (Default)
bit 15
EVENT2_MANU Manual control of the Event2 pin
1 = Pin is logic high
0 = Pin is logic low (Default)
bit 14
EVENT1_MANU Manual control of the Event1 pin
1 = Pin is logic high
0 = Pin is logic low (Default)
bit 13-12
Unimplemented: Read as ‘0‘
bit 11
OVERCUR_CL: Reset or clear bit for the Over Current event
1 = Event is cleared
0 = Event is not cleared (Default)
bit 10
OVERPOW_CL: Reset or clear bit for the Over Power event
1 = Event is cleared
0 = Event is not cleared (Default)
bit 9
VSURGE_CL: Reset or clear bit for the Voltage Surge event
1 = Event is cleared
0 = Event is not cleared (Default)
bit 8
VSAG_CL: Reset or clear bit for the Voltage Sag event
1 = Event is cleared
0 = Event is not cleared (Default)
bit 7
VSUR_LA: Latching control of the Voltage Surge event
1 = Event is latched and needs to be cleared
0 = Event is not latched (Default)
bit 6
VSAG_LA: Latching control of the Voltage Sag event
1 = Event is latched and needs to be cleared
0 = Event is not latched (Default)
REGISTER 7-1:
EVENT CONFIGURATION REGISTER (CONTINUED)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com