Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE8082ES Datasheet(PDF) 22 Page - Infineon Technologies AG

Part # TLE8082ES
Description  Small engine management IC
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8082ES Datasheet(HTML) 22 Page - Infineon Technologies AG

Back Button TLE8082ES Datasheet HTML 18Page - Infineon Technologies AG TLE8082ES Datasheet HTML 19Page - Infineon Technologies AG TLE8082ES Datasheet HTML 20Page - Infineon Technologies AG TLE8082ES Datasheet HTML 21Page - Infineon Technologies AG TLE8082ES Datasheet HTML 22Page - Infineon Technologies AG TLE8082ES Datasheet HTML 23Page - Infineon Technologies AG TLE8082ES Datasheet HTML 24Page - Infineon Technologies AG TLE8082ES Datasheet HTML 25Page - Infineon Technologies AG TLE8082ES Datasheet HTML 26Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 61 page
background image
4.4
Electrical characteristics operation behavior
Table 18
Electrical characteristics operation behavior
TJ = -40°C to 150°C; VVS = 10 - 18 V; VV5VI = 5 V; all voltages with respect to AGND = PGND, positive current flowing
into pin (unless otherwise specified).
Parameter
Symbol
Values
Unit
Note or condition
P-Number
Min. Typ. Max.
Key On
detection
threshold -
rising
VKEY,th,rise 3.5
–
4.5
V
DS-276
Key On
detection
threshold -
falling
VKEY,th,fall
2.5
–
4.5
V
DS-277
Key On
detection
hysteresis
VKEY,hys
0.35 –
1.5
V
DS-110
Key input
current
IKEY
–
–
200
μA
VKEY = 4.5 V
DS-111
Key
detection
filter time
tKEY,f
100
–
500
μs
DS-112
VS sleep
current
IVS,sleep
–
–
0.5
μA
VVS = 14 V, Tj = 25°C, sleep state
DS-113
VS operation
current
IVS,op
–
–
16
mA
VVS = 14 V
DS-292
Power On
reset time
tres,POR
10
–
15
ms
DS-114
Operation
reset time
tres,op
1
–
2
ms
DS-115
NRIO input
filter time
tfil,NRIO
8
–
16
μs
DS-116
VS reset
threshold -
rising
VVS,res,rise 2
–
4
V
DS-278
VS reset
threshold -
falling
VVS,res,fall
2
-
3.5
V
DS-279
TLE8082ES
Small engine management IC
Operation behavior
Datasheet
22
Rev. 1.0
2021-03-23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com