Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE8082ES Datasheet(PDF) 23 Page - Infineon Technologies AG

Part # TLE8082ES
Description  Small engine management IC
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8082ES Datasheet(HTML) 23 Page - Infineon Technologies AG

Back Button TLE8082ES Datasheet HTML 19Page - Infineon Technologies AG TLE8082ES Datasheet HTML 20Page - Infineon Technologies AG TLE8082ES Datasheet HTML 21Page - Infineon Technologies AG TLE8082ES Datasheet HTML 22Page - Infineon Technologies AG TLE8082ES Datasheet HTML 23Page - Infineon Technologies AG TLE8082ES Datasheet HTML 24Page - Infineon Technologies AG TLE8082ES Datasheet HTML 25Page - Infineon Technologies AG TLE8082ES Datasheet HTML 26Page - Infineon Technologies AG TLE8082ES Datasheet HTML 27Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 61 page
background image
5
Power supply and voltage monitoring function
5.1
Supply functions
The TLE8082ES implements:
•
one internal charge pump
•
one pre-regulator controlling an external n-channel MOSFET
•
one 5 V sensor supply with reverse supply protection
•
one 5 V communication supply
5.1.1
V5VI supply input
The V5VI supply input is used as reference voltage for the 5 V sensor and 5 V communication supply.
Additionally, it supplies the SPI output buffer and power stage gate drivers.
The 5 V main supply of the electronic control unit (ECU) has to be connected to the pin V5VI.
5.1.2
Charge pump
An internal charge pump is implemented for low drop operation. An external capacitor at CP pin must be
connected to AGND.
5.1.3
6.5V Pre-regulator with external MOSFET
The pre-regulator regulates the voltage at pin V6VI to Pre-regulator output voltage via the gate voltage of
an external n-channel MOSFET. In normal operation, the maximum output level of pin VG is defined by Pre-
regulator voltage drop VS to VG - normal operation and Pre-regulator delta voltage VG to VS - low battery.
The drain of the external MOSFET and the pin VS are connected to the same supply node, normally battery
supply.
The function of the pre-regulator is verified with Infineon MOSFET IPD30N06S2L-23.
For stable operation and ripple reduction capacitors are recommended at pin V6VI, pin VG, and pin CP.
5.1.4
5 V Sensor supply
The output T5V of the 5 V sensor supply follows the voltage level at pin V5VI. The sensor supply is supplied out
of pin V6VI.
The output is protected against overload (e.g short to GND) and overtemperature. In case of an overcurrent, the
output current is limited and the diagnosis bit is set. The diagnosis bit is cleared with a readout of register
DIAG0 if no overcurrent is present anymore.
The output is protected against reverse supply to pin V6VI.
The 5 V sensor supply is designed for low battery operation (see Sensor supply low drop resistance).
The 5 V sensor supply can be deactivated through SPI configuration of bit COM5VEN in the CONFIG register.
A capacitor at the pin T5V is recommended for stable operation and ripple reduction.
TLE8082ES
Small engine management IC
Power supply and voltage monitoring function
Datasheet
23
Rev. 1.0
2021-03-23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com