Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE8082ES Datasheet(PDF) 19 Page - Infineon Technologies AG

Part # TLE8082ES
Description  Small engine management IC
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8082ES Datasheet(HTML) 19 Page - Infineon Technologies AG

Back Button TLE8082ES Datasheet HTML 15Page - Infineon Technologies AG TLE8082ES Datasheet HTML 16Page - Infineon Technologies AG TLE8082ES Datasheet HTML 17Page - Infineon Technologies AG TLE8082ES Datasheet HTML 18Page - Infineon Technologies AG TLE8082ES Datasheet HTML 19Page - Infineon Technologies AG TLE8082ES Datasheet HTML 20Page - Infineon Technologies AG TLE8082ES Datasheet HTML 21Page - Infineon Technologies AG TLE8082ES Datasheet HTML 22Page - Infineon Technologies AG TLE8082ES Datasheet HTML 23Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 61 page
background image
4.1.9
Afterrun watchdog (WD) safe state
In the Afterrun WD safe state, all functions are working according to their definitions. The only difference to the
Normal operation states is that ramp down is controlled by the microcontroller via SPI communication. The
bit AE is set to "1".
Table 14
Afterrun WD safe state
Function
Status
Note
Pre-regulator, 5 V Sensor supply, 5 V
Communication supply
output voltage according to Electrical
characteristics external supplies (see Table 19)
Power stages
disabled
SPI
communication enabled
Register
normal access
Watchdog
watchdog period running, EC>4
Key input pin KEY
low
driven from outside
Reset output pin NRIO
high
4.1.10
External reset state
If an external device requests a reset at the pin NRIO, the external reset state is entered.
Table 15
External reset state
Function
Status
Note
Pre-regulator, 5 V Sensor supply, 5 V
Communication supply
output voltage according to Electrical
characteristics external supplies (see Table 19)
Power stages
disabled
SPI
communication disabled
Register
Diag 0 register bits V5VIUV, V5VIOV, WDRES,
NRIORES according to the status of the device,
remaining reset
Watchdog
WD inactive state
Key input pin KEY
high
driven from outside
Reset output pin NRIO
low
pull down transistor
driven by V5VI
supply
TLE8082ES
Small engine management IC
Operation behavior
Datasheet
19
Rev. 1.0
2021-03-23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com