Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE8082ES Datasheet(PDF) 30 Page - Infineon Technologies AG

Part # TLE8082ES
Description  Small engine management IC
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8082ES Datasheet(HTML) 30 Page - Infineon Technologies AG

Back Button TLE8082ES Datasheet HTML 26Page - Infineon Technologies AG TLE8082ES Datasheet HTML 27Page - Infineon Technologies AG TLE8082ES Datasheet HTML 28Page - Infineon Technologies AG TLE8082ES Datasheet HTML 29Page - Infineon Technologies AG TLE8082ES Datasheet HTML 30Page - Infineon Technologies AG TLE8082ES Datasheet HTML 31Page - Infineon Technologies AG TLE8082ES Datasheet HTML 32Page - Infineon Technologies AG TLE8082ES Datasheet HTML 33Page - Infineon Technologies AG TLE8082ES Datasheet HTML 34Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 61 page
background image
Table 20
Watchdog period configuration (all values are typical values) (continued)
Watchdog period tWD,per
Open window setting
Open window time tow
Closed window time tcw
tWD,per3 = 64 ms
short
tow3,s = 8 ms
56 ms
tWD,per3 = 64 ms
long
tow3,l = 16 ms
48 ms
tWD,per4 = 128 ms
short
tow4,s = 16 ms
112 ms
tWD,per4 = 128 ms
long
tow4,l = 30 ms
98 ms
6.2
Trigger of the watchdog - watchdog (WD) command
The watchdog trigger event is a rising edge at the pin CSN of an SPI communication frame with write access to
register WD. The trigger event is called watchdog command.
Note: All other SPI communications are not triggering the watchdog.
tWD,per
tcw
tow
SI
CSN
tWD,per
tcw
tow
tWD,per
tcw
Restart of
WD Period
Restart of
WD Period
Figure 7
Watchdog trigger
6.3
Watchdog operation and error definition
The watchdog provides two functions to check the microcontroller:
1.
timing check and
2.
controlling of the functional check inside the microcontroller
A correct trigger of the watchdog is confirmed if the timing check and the control of the functional check
inside the microcontroller are passed. This leads to a decrement of the error counter. All other situations are
considered as watchdog errors and lead to an increment of the error counter. The watchdog status is indicated
by the bits EC, WDTO, WDCE and WDERR in the register WD.
Timing check:
The watchdog expects a watchdog command via SPI inside the open window. If the timing of the
microcontroller is too fast, the watchdog detects a watchdog command inside the closed window. In this
case, the watchdog command too early bit WDCE in register WD is set to 1. If the microcontroller timing is too
slow, the watchdog period is expired and the watchdog time out bit WDTO in register WD is set to 1.
Controlling of the internal functional check of the microcontroller:
The microcontroller transmits the status of the internal functional check by setting the watchdog check
command bit WDC in register WD. If the internal functional check of the microcontroller is not ok, the watchdog
error bit WDERR in register WD is set to 1.
TLE8082ES
Small engine management IC
Watchdog
Datasheet
30
Rev. 1.0
2021-03-23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com