Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE8082ES Datasheet(PDF) 40 Page - Infineon Technologies AG

Part # TLE8082ES
Description  Small engine management IC
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8082ES Datasheet(HTML) 40 Page - Infineon Technologies AG

Back Button TLE8082ES Datasheet HTML 36Page - Infineon Technologies AG TLE8082ES Datasheet HTML 37Page - Infineon Technologies AG TLE8082ES Datasheet HTML 38Page - Infineon Technologies AG TLE8082ES Datasheet HTML 39Page - Infineon Technologies AG TLE8082ES Datasheet HTML 40Page - Infineon Technologies AG TLE8082ES Datasheet HTML 41Page - Infineon Technologies AG TLE8082ES Datasheet HTML 42Page - Infineon Technologies AG TLE8082ES Datasheet HTML 43Page - Infineon Technologies AG TLE8082ES Datasheet HTML 44Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 61 page
background image
Table 24
Electrical characteristics power stages (continued)
TJ = -40°C to 150°C; VVS = 10 - 18 V; VV5VI = 5 V; all voltages with respect to AGND = PGND, positive current flowing
into pin (unless otherwise specified).
Parameter
Symbol
Values
Unit
Note or condition
P-Number
Min. Typ. Max.
Time delay
switch on
OUT 3 to 4
td,on,34
–
–
4.7
µs
IOUT3 = 3.3 A resistive load, IOUT4 = 4.5 A
resistive load,
VOUTx = 14 V,
see Switching time definition Figure 11
DS-287
Time delay
switch off
OUT 3 to 4
td,off,34
–
–
12.5 µs
IOUT3 = 3.3 A resistive load, IOUT4 = 4.5 A
resistive load,
VOUTx = 14 V,
see Switching time definition Figure 11
DS-286
Overcurrent
switch off
threshold
OUT1 to 2
IOUT1,2,oc
2.6
–
–
A
DS-217
Overcurrent
switch off
threshold
OUT3
IOUT3,oc
3.3
–
–
A
DS-282
Overcurrent
switch off
threshold
OUT4
IOUT4,oc
4.5
–
–
A
DS-218
Overcurrent
switch off
filter time
toc
0.5
–
3
µs
DS-219
Diagnosis in
off threshold
high
Vth,off,high 2.5
–
3.1
V
DS-220
Diagnosis in
off threshold
low
Vth,off,low
1.7
–
2.15 V
DS-221
Diagnosis in
off pull-down
current
Ipd,off
100
–
250
μA
DS-222
Diagnosis in
off pull-up
current
Ipu,off
-750 –
-250 μA
DS-223
Diagnosis in
off filter time
OUT1 and
OUT2
tfil12,off
15
–
20
μs
DS-224
TLE8082ES
Small engine management IC
Power stages
Datasheet
40
Rev. 1.0
2021-03-23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com