Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE8082ES Datasheet(PDF) 43 Page - Infineon Technologies AG

Part # TLE8082ES
Description  Small engine management IC
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8082ES Datasheet(HTML) 43 Page - Infineon Technologies AG

Back Button TLE8082ES Datasheet HTML 39Page - Infineon Technologies AG TLE8082ES Datasheet HTML 40Page - Infineon Technologies AG TLE8082ES Datasheet HTML 41Page - Infineon Technologies AG TLE8082ES Datasheet HTML 42Page - Infineon Technologies AG TLE8082ES Datasheet HTML 43Page - Infineon Technologies AG TLE8082ES Datasheet HTML 44Page - Infineon Technologies AG TLE8082ES Datasheet HTML 45Page - Infineon Technologies AG TLE8082ES Datasheet HTML 46Page - Infineon Technologies AG TLE8082ES Datasheet HTML 47Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 61 page
background image
8
Inputs and outputs
8.1
Electrical characteristics inputs and outputs
Table 25
Electrical characteristics inputs and outputs
TJ = -40°C to 150°C; VVS = 10 - 18 V; VV5VI = 5 V; all voltages with respect to AGND = PGND, positive current flowing
into pin (unless otherwise specified).
Parameter
Symbol
Values
Unit
Note or condition
P-Number
Min. Typ. Max.
Low level
input voltage
pins IN1,
IN23, IN4,
CSN, SI, SCK,
NRIO
Vin,l
–
–
1
V
DS-233
High level
input voltage
pins IN1,
IN23, IN4,
CSN SI, SCK,
NRIO
Vin,h
2
–
–
V
DS-234
Input voltage
hysteresis
pins IN1,
IN23, IN4,
CSN, SI, SCK,
NRIO
Vin,hys
50
–
500
mV
DS-235
Pull down
current pins
IN1, IN23,
IN4, SI, SCK
Ipd
25
–
130
μA
VINx ≥ 1 V
DS-236
Pull up
current pin
CSN
Ipu
-100 –
-25
μA
DS-237
Low level
output
voltage pin
SO
Vout,l
–
–
100
mV
Iout = 2 mA
DS-238
High level
output
voltage pin
SO
Vout,h
4.8
–
–
V
Iout = -2 mA
DS-239
Low level
output
current 1 pin
NRIO
INRIO1
1
–
–
mA
VNRIO = 1 V; VV5VI = 2 V
DS-240
TLE8082ES
Small engine management IC
Inputs and outputs
Datasheet
43
Rev. 1.0
2021-03-23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com