Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE8082ES Datasheet(PDF) 26 Page - Infineon Technologies AG

Part # TLE8082ES
Description  Small engine management IC
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8082ES Datasheet(HTML) 26 Page - Infineon Technologies AG

Back Button TLE8082ES Datasheet HTML 22Page - Infineon Technologies AG TLE8082ES Datasheet HTML 23Page - Infineon Technologies AG TLE8082ES Datasheet HTML 24Page - Infineon Technologies AG TLE8082ES Datasheet HTML 25Page - Infineon Technologies AG TLE8082ES Datasheet HTML 26Page - Infineon Technologies AG TLE8082ES Datasheet HTML 27Page - Infineon Technologies AG TLE8082ES Datasheet HTML 28Page - Infineon Technologies AG TLE8082ES Datasheet HTML 29Page - Infineon Technologies AG TLE8082ES Datasheet HTML 30Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 61 page
background image
Table 19
Electrical characteristics power supplies (continued)
TJ = -40°C to 150°C; VVS = 10 - 18 V; VV5VI = 5 V; all voltages with respect to AGND = PGND, positive current flowing
into pin (unless otherwise specified).
Parameter
Symbol
Values
Unit
Note or condition
P-Number
Min. Typ. Max.
Sensor
supply
tracking
accuracy
ΔVT5V,acc
-10
–
10
mV
ΔVT5V = VT5V - VV5VI
2.9 V ≤ VV5VI ≤ 5.1 V
DS-161
Sensor
supply
operation
current
IT5V,op
–
–
150
mA
DS-162
Sensor
supply
current
limitation
IT5V,lim
150
–
–
mA
DS-163
Sensor
supply sleep
current
IT5V,sleep
–
–
0.5
µA
VT5V = 0 V
DS-291
Sensor
supply low
drop
resistance
RT5V,low
–
–
3.3
Ω
VV6VI = VVS = VV5VI = 4.5 V
DS-164
Capacitor at
pin T5V
CT5V
–
10
–
nF
connect to AGND
DS-165
Communicati
on supply
tracking
accuracy
ΔVCOM5V,acc -35
–
35
mV
ΔVCOM5V = VCOM5V - VV5VI
2.9 V ≤ VV5VI ≤ 5.1 V
DS-166
Communicati
on supply
operation
current
ICOM5V,op
–
–
200
mA
DS-167
Communicati
on supply
current
limitation
ICOM5V,lim
200
–
–
mA
DS-168
Communicati
on supply
sleep current
ICOM5V,sleep –
–
0.5
µA
VCOM5V = 0 V
DS-294
Communicati
on supply
low drop
resistance
RCOM5V,low –
–
2
Ω
VV6VI = VVS = VV5VI = 4.5 V
DS-169
TLE8082ES
Small engine management IC
Power supply and voltage monitoring function
Datasheet
26
Rev. 1.0
2021-03-23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com