Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE8082ES Datasheet(PDF) 46 Page - Infineon Technologies AG

Part # TLE8082ES
Description  Small engine management IC
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8082ES Datasheet(HTML) 46 Page - Infineon Technologies AG

Back Button TLE8082ES Datasheet HTML 42Page - Infineon Technologies AG TLE8082ES Datasheet HTML 43Page - Infineon Technologies AG TLE8082ES Datasheet HTML 44Page - Infineon Technologies AG TLE8082ES Datasheet HTML 45Page - Infineon Technologies AG TLE8082ES Datasheet HTML 46Page - Infineon Technologies AG TLE8082ES Datasheet HTML 47Page - Infineon Technologies AG TLE8082ES Datasheet HTML 48Page - Infineon Technologies AG TLE8082ES Datasheet HTML 49Page - Infineon Technologies AG TLE8082ES Datasheet HTML 50Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 61 page
background image
SI
SO
CSN
15
14
13
12
3
2
1
15
14
13
12
3
2
1
MSB
LSB
time
LSB
High Z
High Z
0
0
Shift
SO data
Sample
SI data
t [µs]
MSB
t0
SCK
Figure 13
Communication frame
Note: This definition corresponds to AURIX™ microcontrollers to the mode definition clock polarity CPOL="0b" and
clock phase CPHA="1b".
9.3
SPI data frame
The data frame consist of 1 read/write bit (RN/W), 3 address bits (A2 to A0) and 12 data bits (D11 to D0)
according to the register definition.
Bit
15
Bit
14
Bit
13
Bit
12
Bit
11
Bit
10
Bit
9
Bit
8
Bit
7
Bit
6
Bit
5
Bit
4
Bit
3
Bit
2
Bit
1
Bit
0
RN/W
A2
A1
A0 D11 D10 D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
MSB
LSB
Address Bits
Read
Write
Bit
Data Bits
Figure 14
Data frame
A correct communication consists of 16 bits in one communication frame and the value of the address bits must
refer to an existing register.
All other communication frames are invalid.
9.4
SPI send and response scheme
The logical frame dependency is defined as out-of-frame communication where the logical response of the
slave is within the next frame of the master.
TLE8082ES
Small engine management IC
Serial Peripheral Interface (SPI)
Datasheet
46
Rev. 1.0
2021-03-23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com