Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE8082ES Datasheet(PDF) 57 Page - Infineon Technologies AG

Part # TLE8082ES
Description  Small engine management IC
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8082ES Datasheet(HTML) 57 Page - Infineon Technologies AG

Back Button TLE8082ES Datasheet HTML 53Page - Infineon Technologies AG TLE8082ES Datasheet HTML 54Page - Infineon Technologies AG TLE8082ES Datasheet HTML 55Page - Infineon Technologies AG TLE8082ES Datasheet HTML 56Page - Infineon Technologies AG TLE8082ES Datasheet HTML 57Page - Infineon Technologies AG TLE8082ES Datasheet HTML 58Page - Infineon Technologies AG TLE8082ES Datasheet HTML 59Page - Infineon Technologies AG TLE8082ES Datasheet HTML 60Page - Infineon Technologies AG TLE8082ES Datasheet HTML 61Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 57 / 61 page
background image
10.1.5
Configuration Register
Config
Offset address:
07H
Configuration Register
Reset values see:
Table 32
11
10
9
8
7
6
5
4
3
2
1
0
Res
COM5V
EN
T5VEN
AE
DRV4
SEL23 DRV23
DRV1
r
rw
rw
rw
rw
rw
rw
rw
Field
Bits
Type
Description
DRV1
0
rw
Output stage 1 drive configuration
0B OUT1 driven by pin IN1
1B OUT1 driven by SPI
DRV23
1
rw
Output stage defined by SEL23 drive configuration
0B OUTx driven by pin IN23
1B OUTx driven by SPI
SEL23
2
rw
Output stage 2/3 drive selection
0B OUT2 is controlled by DRV23 configuration; OUT3 is controlled by
SPI
1B OUT3 is controlled by DRV23 configuration; OUT2 is controlled by
SPI
DRV4
3
rw
Output stage 4 drive configuration
0B OUT4 driven by pin IN4
1B OUT4 driven by SPI
AE
4
rw
Afterrun enable bit
0B no afterrun enabled
1B afterrun enabled
T5VEN
5
rw
T5V supply enable bit
0B T5V not enabled
1B T5V enabled
COM5VEN
6
rw
COM5V supply enable bit
0B COM5V not enabled
1B COM5V enabled
Table 32
Reset Values of Config
Reset Type
Reset Value
Note
PowerOn
XXXX X110
0000B
Operation
XXXX X110
0000B
TLE8082ES
Small engine management IC
Registers
Datasheet
57
Rev. 1.0
2021-03-23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com