Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE8082ES Datasheet(PDF) 36 Page - Infineon Technologies AG

Part # TLE8082ES
Description  Small engine management IC
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8082ES Datasheet(HTML) 36 Page - Infineon Technologies AG

Back Button TLE8082ES Datasheet HTML 32Page - Infineon Technologies AG TLE8082ES Datasheet HTML 33Page - Infineon Technologies AG TLE8082ES Datasheet HTML 34Page - Infineon Technologies AG TLE8082ES Datasheet HTML 35Page - Infineon Technologies AG TLE8082ES Datasheet HTML 36Page - Infineon Technologies AG TLE8082ES Datasheet HTML 37Page - Infineon Technologies AG TLE8082ES Datasheet HTML 38Page - Infineon Technologies AG TLE8082ES Datasheet HTML 39Page - Infineon Technologies AG TLE8082ES Datasheet HTML 40Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 61 page
background image
7
Power stages
7.1
Outputs 1 to 3 - inductive load drivers
The TLE8082ES implements 3 low-side switches. Output 1 to 3 are intended to drive inductive loads like
injectors, valves or relays. The outputs contain a clamping circuit for freewheeling of inductive loads.
The control of OUT1 can be configured to direct drive with input pin IN1 or SPI control. OUT2 and OUT3 can be
configured to direct drive with input pin IN23 or SPI control. The output configuration can be determined in the
configuration register.
If the pin control is selected, a high level at input pins IN1 and IN23 switches on the respective output (see
Figure 11).
7.2
Output 4 - O2 heater driver
The low-side switch output 4 is intended to drive resistive loads like O2 heaters. The output contains a clamping
circuit for freewheeling of inductive loads, too.
The TLE8082ES provides a current feedback output. The provided sink current at pin CFB4 is proportional to
the current of OUT4. If OUT4 is switched off, CFB4 is in high ohmic state. The output current at pin CFB4 can be
calculated as follows.
ICFB4=gCFB4·IOUT4
Equation 1
The control of OUT4 can be configured to direct drive with input pin IN4 or SPI control.
If pin control is selected, a high level at input pin IN4 switches on OUT4 (see Figure 11).
7.3
Protection and diagnosis of low-side output stages
All low-side output stages are protected against overcurrent.
If the current through a power stage is above the Overcurrent detection threshold for a time longer
than Overcurrent switch off filter time, an overcurrent is detected and the affected powerstage is switched
off. Additionally, the according overcurrent bit in register Diag1 is set.
The following conditions must be fulfilled to switch on the powerstages after an overcurrent event has
occurred:
•
no overcurrent condition
•
readout of register Diag1 to reset the diagnosis bit
•
power stage switch on command (SPI switch-on command or positive edge at pin INx)
All low-side output stages are protected against overtemperature.
If the power stage temperature is above the OUTx overtemperature detection threshold for a time longer
than OUTx overtemperature filter time, an overtemperature is detected and the affected powerstage is
switched off. Additionally, the overtemperature bit in register Diag1 is set. An Overtemperature hysteresis
avoids a premature switch on.
The following conditions must be fulfilled to switch-on the powerstages after an overtemperature event has
occurred:
•
no overtemperature condition
•
readout of register Diag1 to reset the diagnosis bit
•
switch-on command (SPI switch on command or positive edge at pin INx)
The OUT3 output switching status (ON/OFF) is detected by Diagnosis in off threshold high. The status bit
O3Stat in register Diag0 is "1" with an output voltage below the threshold.
TLE8082ES
Small engine management IC
Power stages
Datasheet
36
Rev. 1.0
2021-03-23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com