Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE8082ES Datasheet(PDF) 20 Page - Infineon Technologies AG

Part # TLE8082ES
Description  Small engine management IC
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8082ES Datasheet(HTML) 20 Page - Infineon Technologies AG

Back Button TLE8082ES Datasheet HTML 16Page - Infineon Technologies AG TLE8082ES Datasheet HTML 17Page - Infineon Technologies AG TLE8082ES Datasheet HTML 18Page - Infineon Technologies AG TLE8082ES Datasheet HTML 19Page - Infineon Technologies AG TLE8082ES Datasheet HTML 20Page - Infineon Technologies AG TLE8082ES Datasheet HTML 21Page - Infineon Technologies AG TLE8082ES Datasheet HTML 22Page - Infineon Technologies AG TLE8082ES Datasheet HTML 23Page - Infineon Technologies AG TLE8082ES Datasheet HTML 24Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 61 page
background image
4.1.11
Error state
If an error of the system is detected, the error state is entered.
Table 16
Error state
Function
Status
Note
Pre-regulator, 5 V Sensor supply, 5 V
Communication supply
output voltage according to Electrical
characteristics external supplies (see Table 19)
Power stages
disabled
SPI
communication disabled
Register
Diag 0 register bits V5VIUV, V5VIOV, WDRES,
NRIORES acc. status of the device, remaining
reset
Watchdog
WD inactive state
Key input pin KEY
high
driven from outside
Reset output pin NRIO
active low
pull down transistor
driven by V5VI
supply
4.1.12
Reset timer state
After all errors have been disappeared, the reset timer state is entered.
Table 17
Reset timer state
Function
Status
Note
Pre-regulator, 5 V Sensor supply, 5 V
Communication supply
output voltage according to Electrical
characteristics external supplies (see Table 19)
Power stages
disabled
SPI
communication disabled
Register
Diag 0 register bits V5VIUV, V5VIOV, WDRES,
NRIORES acc. status of the device, remaining
reset
Watchdog
WD inactive state
Key input pin KEY
high
driven from outside
Reset output pin NRIO
active low
pull down transistor
driven by V5VI
supply
TLE8082ES
Small engine management IC
Operation behavior
Datasheet
20
Rev. 1.0
2021-03-23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com