Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE8082ES Datasheet(PDF) 21 Page - Infineon Technologies AG

Part # TLE8082ES
Description  Small engine management IC
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8082ES Datasheet(HTML) 21 Page - Infineon Technologies AG

Back Button TLE8082ES Datasheet HTML 17Page - Infineon Technologies AG TLE8082ES Datasheet HTML 18Page - Infineon Technologies AG TLE8082ES Datasheet HTML 19Page - Infineon Technologies AG TLE8082ES Datasheet HTML 20Page - Infineon Technologies AG TLE8082ES Datasheet HTML 21Page - Infineon Technologies AG TLE8082ES Datasheet HTML 22Page - Infineon Technologies AG TLE8082ES Datasheet HTML 23Page - Infineon Technologies AG TLE8082ES Datasheet HTML 24Page - Infineon Technologies AG TLE8082ES Datasheet HTML 25Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 61 page
background image
4.2
Reset
The TLE8082ES implements following resets:
Power on reset
Operation reset:
-
external reset (NRIO)
-
V5VI undervoltage reset
-
watchdog reset
4.2.1
Power On reset
After an internal and external V5VI supply ramp up, a power on reset (POR) is performed. The pin NRIO is kept
low for Power On reset time.
The status of the device after a POR is described in Chapter 4.1.4.
4.2.2
External reset (NRIO)
The pin NRIO is an input/output pin. The output consists of an open drain pull down transistor. The pull down
transistor is supplied by the pin V5VI.
An external reset (NRIO externally pulled to low) can only be detected if the pin is internally not pulled low e.g.
in error state (see Operation states).
An input filter for the low level detection at the pin NRIO is implemented to suppress disturbances. The filter
time is NRIO input filter time. If an external reset is detected, the bit NRIORES in register DIAG0 is set. The bit is
cleared after an SPI readout.
4.2.3
V5VI undervoltage reset
If an undervoltage according to V5VI Undervoltage monitoring (see Chapter 5.2) is detected, the pin NRIO
is switched to low. After recovery, the pin NRIO is kept low for Operation reset time.
The device status is changed according to the definition in Operation states (see Chapter 4.1).
4.2.4
Watchdog reset function
The watchdog reset is generated by the watchdog (see Chapter 6) and bit WDRES in register DIAG0 is set. After
readout of DIAG0 the bit WDRES is reset. The pin NRIO is kept low for Operation reset time.
The status of the device is changed according to the Operation states (see Chapter 4.1).
4.3
Key detection
The TLE8082ES implements a voltage detection function at the pin KEY.
An "ON" is detected with a voltage at pin KEY higher than Key On detection threshold for a time longer than
Key detection filter time. The TLE8082ES starts working according to the description in Operation states (see
Chapter 4.1).
An "OFF" is detected with a voltage at pin KEY lower than Key On detection threshold for a time longer than
Key detection filter time. The TLE8082ES reacts according to the Operation states (see Chapter 4.1).
For noise suppression, a Key On detection hysteresis is implemented. The key on detection status is indicated
by the bit KEY in register DIAG0.
TLE8082ES
Small engine management IC
Operation behavior
Datasheet
21
Rev. 1.0
2021-03-23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com