Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE8082ES Datasheet(PDF) 45 Page - Infineon Technologies AG

Part # TLE8082ES
Description  Small engine management IC
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8082ES Datasheet(HTML) 45 Page - Infineon Technologies AG

Back Button TLE8082ES Datasheet HTML 41Page - Infineon Technologies AG TLE8082ES Datasheet HTML 42Page - Infineon Technologies AG TLE8082ES Datasheet HTML 43Page - Infineon Technologies AG TLE8082ES Datasheet HTML 44Page - Infineon Technologies AG TLE8082ES Datasheet HTML 45Page - Infineon Technologies AG TLE8082ES Datasheet HTML 46Page - Infineon Technologies AG TLE8082ES Datasheet HTML 47Page - Infineon Technologies AG TLE8082ES Datasheet HTML 48Page - Infineon Technologies AG TLE8082ES Datasheet HTML 49Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 61 page
background image
9
Serial Peripheral Interface (SPI)
The device has a 16 bit Serial Peripheral Interface (SPI). The SPI is a full duplex synchronous serial interface with
3 inputs and 1 output.
CSN: Chip Select Not (low active) input
SCK: SPI Clock input
SI: Slave Input
SO: Slave Output
The data information at SI and SO is synchronous to the SPI clock. The output levels of the SPI pins are related
to pin V5VI.
CSN
SCK
SI
SO
SPI
Interface
Register
and
Chip Control
1
1
1
1
V5VI
Enable
Figure 12
SPI Function diagram
9.1
Parallel SPI operation together with TLE8080ES
The implementation of the SPI and the definition of the registers (two addresses for CTRL register) enable a
parallel operation of the SPI communication together with the device TLE8080EM.
9.2
SPI mode definition
A communication frame starts with the falling edge at CSN. At the beginning the clock must be "0" according to
timing definition (Figure 16). The data at pin SI is sampled with the falling edge of SCK. The data at pin SO is
shifted with the rising edge of SCK. The communication frame ends with the rising edge at CSN. At that time the
data received via pin SI is executed and stored internally and the result of the request is prepared for the next
communication as output data. A correct communication frame consists of 16 bits and starts with the MSB first.
TLE8082ES
Small engine management IC
Serial Peripheral Interface (SPI)
Datasheet
45
Rev. 1.0
2021-03-23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com