Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE8082ES Datasheet(PDF) 17 Page - Infineon Technologies AG

Part # TLE8082ES
Description  Small engine management IC
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8082ES Datasheet(HTML) 17 Page - Infineon Technologies AG

Back Button TLE8082ES Datasheet HTML 13Page - Infineon Technologies AG TLE8082ES Datasheet HTML 14Page - Infineon Technologies AG TLE8082ES Datasheet HTML 15Page - Infineon Technologies AG TLE8082ES Datasheet HTML 16Page - Infineon Technologies AG TLE8082ES Datasheet HTML 17Page - Infineon Technologies AG TLE8082ES Datasheet HTML 18Page - Infineon Technologies AG TLE8082ES Datasheet HTML 19Page - Infineon Technologies AG TLE8082ES Datasheet HTML 20Page - Infineon Technologies AG TLE8082ES Datasheet HTML 21Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 61 page
background image
4.1.5
Normal operation watchdog (WD) inactive state
In the Normal operation WD inactive state, all functions are working according to their definitions.
Table 10
Normal Operation WD inactive state
Function
Status
Note
Pre-regulator, 5 V Sensor supply, 5 V
Communication supply
output voltage according to Electrical
characteristics external supplies (see Table 19)
Power stages
disabled
SPI
communication enabled
Register
normal access
Watchdog
waiting for watchdog command
Key input pin KEY
high
driven from outside
Reset output pin NRIO
high
4.1.6
Normal operation watchdog (WD) safe state
In the Normal operation WD safe state, all functions are working according to their definitions.
Table 11
Normal operation WD safe state
Function
Status
Note
Pre-regulator, 5 V Sensor supply, 5 V
Communication supply
output voltage according to Electrical
characteristics external supplies (see Table 19)
Power stages
disabled
SPI
communication enabled
Register
normal access
Watchdog
watchdog period running, EC>4
Key input pin KEY
high
driven from outside
Reset output pin NRIO
high
TLE8082ES
Small engine management IC
Operation behavior
Datasheet
17
Rev. 1.0
2021-03-23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com