Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC8191LC4TR-R5 Datasheet(PDF) 3 Page - Analog Devices

Part # HMC8191LC4TR-R5
Description  6 GHz to 26.5 GHz, Wideband I/Q Mixer
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC8191LC4TR-R5 Datasheet(HTML) 3 Page - Analog Devices

  HMC8191LC4TR-R5 Datasheet HTML 1Page - Analog Devices HMC8191LC4TR-R5 Datasheet HTML 2Page - Analog Devices HMC8191LC4TR-R5 Datasheet HTML 3Page - Analog Devices HMC8191LC4TR-R5 Datasheet HTML 4Page - Analog Devices HMC8191LC4TR-R5 Datasheet HTML 5Page - Analog Devices HMC8191LC4TR-R5 Datasheet HTML 6Page - Analog Devices HMC8191LC4TR-R5 Datasheet HTML 7Page - Analog Devices HMC8191LC4TR-R5 Datasheet HTML 8Page - Analog Devices HMC8191LC4TR-R5 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 44 page
background image
Data Sheet
HMC8191
Rev. C | Page 3 of 44
SPECIFICATIONS
TA = 25°C, IF = 100 MHz, LO drive = 18 dBm, all measurements performed as downconverter with lower sideband selected, external 90°
hybrid at the IF ports, and LO amplifier in line with lab bench LO source, unless otherwise noted.
Table 1.
Parameter
Symbol
Min
Typ
Max
Unit
RADIO FREQUENCY
RF
6
26.5
GHz
LOCAL OSCILLATOR FREQUENCY
fLO
6
26.5
GHz
INTERMEDIATE FREQUENCY
IF
DC
5
GHz
LOCAL OSCILLATOR DRIVE LEVEL
18
dBm
RF PERFORMANCE AS DOWNCONVERTER
Conversion Loss
9
11.5
dB
Image Rejection
20
25
dBc
Single-Sideband Noise Figure
SSB NF
9
dB
Input Third-Order Intercept
IP3
24
dBm
Input 1 dB Compression Point
P1dB
15
dBm
Input Second-Order Intercept
IP2
55
dBm
Isolation
RF to IF
20
dB
LO to RF
30
40
dB
LO to IF
27
40
dB
Amplitude Balance1
±0.5
dB
Phase Balance1
±5
Degrees
RF PERFORMANCE AS UPCONVERTER
Conversion Loss
9
dB
Sideband Rejection
25
dBc
Input Third-Order Intercept
IP3
22
dBm
Input 1 dB Compression Point
P1dB
13
dBm
RETURN LOSS PERFORMANCE1
RF
15
dB
LO
15
dB
IFx
15
dB
1
Measurements taken without 90° hybrid at the IF ports.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com